Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N47UTX Datasheet(PDF) 4 Page - TT Electronics.

Part # 4N47UTX
Description  Surface Mount Optically Coupled Isolator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

4N47UTX Datasheet(HTML) 4 Page - TT Electronics.

  4N47UTX Datasheet HTML 1Page - TT Electronics. 4N47UTX Datasheet HTML 2Page - TT Electronics. 4N47UTX Datasheet HTML 3Page - TT Electronics. 4N47UTX Datasheet HTML 4Page - TT Electronics. 4N47UTX Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount Optically
Coupled Isolator
4N22U, 4N23U, 4N24U (TX, TXV)
4N47U, 4N48U, 4N49U (TX, TXV)
Issue C
07/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
SYMBOL
PARAMETER
PART
NUMBER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Coupled
IC/IF
DC Current Transfer Ra o
4N22U
4N23U
4N24U
25
60
100
%
IF = 10 mA, VCE = 5 V
4N47U
4N48U
4N49U
50
100
200
%
IF = 2 mA, VCE = 5 V
IC(ON)
On‐State
Collector Current
4N22U
0.15
2.50
1.00
1.00
mA
VCE = 10 V, IB = 0, IF = 2.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = ‐55°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 100°C
4N23U
0.2
6.0
2.5
2.5
mA
VCE = 10 V, IB = 0, IF = 2.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = ‐55°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 100°C
4N24U
0.4
10.0
4.0
4.0
mA
VCE = 10 V, IB = 0, IF = 2.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 25°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = ‐55°C
VCE = 10 V, IB = 0, IF = 10.0 mA TA = 100°C
4N47U
0.5
0.7
0.5
mA
VCE = 5 V, IB = 0, IF = 1.0 mA TA = 25°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = ‐55°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = 100°C
4N48U
1.0
1.4
1.0
5.0
mA
VCE = 5 V, IB = 0, IF = 1.0 mA TA = 25°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = ‐55°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = 100°C
4N49U
2.0
2.8
2.0
10.0
mA
VCE = 5 V, IB = 0, IF = 1.0 mA TA = 25°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = ‐55°C
VCE = 5 V, IB = 0, IF = 2.0 mA TA = 100°C
VCE(SAT)
Collector
Satura on
Voltage
4N22U
4N23U
4N24U
0.3
0.3
0.3
V
IC = 2.5 mA, IB = 0, IF = 20 mA
IC = 5.0 mA, IB = 0, IF = 20 mA
IC = 10.0 mA, IB = 0, IF = 20 mA
4N47U
4N48U
4N49U
0.3
0.3
0.3
V
IC = 0.5 mA, IB = 0, IF = 2.0 mA
IC = 1.0 mA, IB = 0, IF = 2.0 mA
IC = 2.0 mA, IB = 0, IF = 2.0 mA
hFE
DC Current Gain
4N22U
4N23U
4N24U
200
300
400
VCE = 5 V, IC = 10 mA, IF = 0 mA
4N47U
4N48U
4N49U
100
100
100
tr & tf
Rise and Fall Time
4N22U
4N23U
4N24U
15
15
20
µs
VCC = 10 V, IF = 10 mA, RL = 100Ω,
Pulse width = 100 ms, Duty cycle = 1%
4N47U
4N48U
4N49U
20
20
20
µs
VCC = 10 V, IF = 5 mA, RL = 100Ω,
Pulse width = 100 ms, Duty cycle = 1%
RIO
Resistance (Input to Output)
10
11
Ω
VI‐O = ±1,000 Vdc
CIO
Capacitance (Input to Output)
5.0
pF
VI‐O = 0 Vdc, f = 1.0 MHz


Similar Part No. - 4N47UTX

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N47U MICROPAC-4N47U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
More results

Similar Description - 4N47UTX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
HCC640 OPTEK-HCC640 Datasheet
142Kb / 2P
   Surface Mount Optically Coupled Isolator
HCC242TX OPTEK-HCC242TX Datasheet
230Kb / 2P
   Surface Mount Optically Coupled Isolator
logo
TT Electronics.
HCC240 TTELEC-HCC240 Datasheet
552Kb / 2P
   Surface Mount Optically Coupled Isolator
OPI210 TTELEC-OPI210 Datasheet
676Kb / 3P
   Surface Mount Optically Coupled Isolator
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com