Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3296 Datasheet(PDF) 5 Page - NEC

Part # 2SK3296
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3296 Datasheet(HTML) 5 Page - NEC

  2SK3296 Datasheet HTML 1Page - NEC 2SK3296 Datasheet HTML 2Page - NEC 2SK3296 Datasheet HTML 3Page - NEC 2SK3296 Datasheet HTML 4Page - NEC 2SK3296 Datasheet HTML 5Page - NEC 2SK3296 Datasheet HTML 6Page - NEC 2SK3296 Datasheet HTML 7Page - NEC 2SK3296 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14063EJ2V0DS
5
2SK3296
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
Tch - Channel Temperature - ˚C
040
20
60
100
140
80
120
160
0
20
40
60
80
100
TC - Case Temperature - ˚C
0
0
80
20
40
60
100
140
120
160
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
10
20
30
40
50
1
10
100
0.1
1000
100
10
1
TC = 25
°C
Single Pulse
ID(pulse)
ID(DC)
VDS - Drain to Source Voltage - V
FORWARD BIAS SAFE OPERATING AREA
10
0
s
1ms
3m
s
300
s
PW
=
10
s
µ
10ms
Power
Dissipation
Limited
R
DS(on)
Lim
ited
(@V
GS
=
10V)
DC
PW - Pulse Width - sec
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
10
100
Rth(ch-C) = 3.13˚C/W
µ
µ
Rth(ch-A) = 83.3˚C/W


Similar Part No. - 2SK3296

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3296 KEXIN-2SK3296 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3296 RENESAS-2SK3296 Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-S RENESAS-2SK3296-S Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-ZJ RENESAS-2SK3296-ZJ Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3296-ZK RENESAS-2SK3296-ZK Datasheet
546Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK3296

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com