Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YR20.242 Datasheet(PDF) 5 Page - PULS GmbH

Part # YR20.242
Description  12-28V, 20A, DUAL REDUNDANCY MODULE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

YR20.242 Datasheet(HTML) 5 Page - PULS GmbH

  YR20.242 Datasheet HTML 1Page - PULS GmbH YR20.242 Datasheet HTML 2Page - PULS GmbH YR20.242 Datasheet HTML 3Page - PULS GmbH YR20.242 Datasheet HTML 4Page - PULS GmbH YR20.242 Datasheet HTML 5Page - PULS GmbH YR20.242 Datasheet HTML 6Page - PULS GmbH YR20.242 Datasheet HTML 7Page - PULS GmbH YR20.242 Datasheet HTML 8Page - PULS GmbH YR20.242 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
YR20.242
Y-Series
12-28V, 20A, DUAL REDUNDANCY MODULE
4. POWER LOSSES
DC 12V
DC 24V
Power losses
typ.
0.6W
0.6W
input: 2x5A, ambient temperature: 25°C
typ.
2.0W
2.0W
input: 2x10A, ambient temperature: 25°C
Standby power losses
typ.
0.11W
0.21W
at no output current
Fig. 4-1 Power losses
Fig. 4-2 Test setup for power loss measurements
Power Losses, typ.
0
02.5
5
15
0.5
1.0
2.0
2.5
3.0
20
12.5
7.5 10
17.5
1.5
3.5W
25A
22.5
Output Current
60°C
25°C
Output
V
A
Power
Supply
24V, 12A +
-
V
A
I1
I2
U1
U2
A
V
IOUT
UOUT
I1
I2
=
U2
U1 =Losses
U1
=
UOUT
-
* I1 +)
(
*
U2* I2
IOUT
Variable
Load,
0-24A
YR20.242
Input 1
Input 2
Output
Power
Supply
24V, 12A +
-
5. LIFETIME EXPECTANCY AND MTBF
The redundancy module has two input channels which are completely independent from each other. Each control
circuit, auxiliary voltage source, or other circuitry in the module are designed separately for each input. The dual input
redundancy module can be considered as two single redundancy modules combined together in one housing. The only
common point is the circuit trace that ties the two separate circuits together at the output.
The MTBF figures below are for the entire dual input module. If the MTBF number of only one path is needed, simply
double the value from the table.
Input / output current
conditions
Input: 2x5A
Output: 10A
Input: 2x10A
Output: 20A
Lifetime expectancy*)
553 000h *)
355 000h *)
at 24V and 40°C
1 563 000h *)
1 003 000h *)
at 24V and 25°C
MTBF**) SN 29500, IEC 61709
10 050 000h
7 895 000h
at 24V and 40°C
16 777 000h
13 403 000h
at 24V and 25°C
MTBF**) MIL HDBK 217F
2 030 000h
1 890 000h
Ground Fixed GF40 (24V and 40°C)
2 801 000h
2 588 000h
Ground Fixed GF25 (24V and 25°C)
441 000h
404 000h
Ground Benign GB40 (24V and 40°C)
604 000h
548 000h
Ground Benign GB25 (24V and 25°C)
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The manufacturer of the electrolytic capacitors only guarantees a maximum life of up to 15 years
(131 400h). Any number exceeding this value is a calculated theoretical lifetime which can be used to compare devices.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Jul. 2017 / Rev. 1.3 DS-YR20.242-EN
All parameters are typical values specified at 24V, 20A output current, 25°C ambient and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/17


Similar Part No. - YR20.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
More results

Similar Description - YR20.242

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIRD20.241 PULS-PIRD20.241 Datasheet
317Kb / 15P
   DC 12-28V, 20A, DUAL INPUT REDUNDANCY MODULE
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
   24-28V, 20A, DUAL REDUNDANCY MODULE
logo
Mean Well Enterprises C...
ERDN20 MEANWELL-ERDN20 Datasheet
361Kb / 5P
   20A Enclosed Type Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20_10 Datasheet
300Kb / 2P
   20A Power Supply Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20 Datasheet
297Kb / 2P
   20A Power Supply Redundancy Module
DR-RDN20 MEANWELL-DR-RDN20_11 Datasheet
300Kb / 2P
   20A Power Supply Redundancy Module
logo
PULS GmbH
YRM2.DIODE PULS-YRM2.DIODE Datasheet
537Kb / 19P
   DUAL REDUNDANCY MODULE
YR40.241 PULS-YR40.241 Datasheet
522Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.241 PULS-YR80.241 Datasheet
507Kb / 17P
   DUAL REDUNDANCY MODULE
YR80.242 PULS-YR80.242 Datasheet
504Kb / 17P
   DUAL REDUNDANCY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com