Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZB12.071 Datasheet(PDF) 4 Page - PULS GmbH

Part # UZB12.071
Description  BATTERY REPLACEMENT 12V, 7AH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UZB12.071 Datasheet(HTML) 4 Page - PULS GmbH

  UZB12.071 Datasheet HTML 1Page - PULS GmbH UZB12.071 Datasheet HTML 2Page - PULS GmbH UZB12.071 Datasheet HTML 3Page - PULS GmbH UZB12.071 Datasheet HTML 4Page - PULS GmbH UZB12.071 Datasheet HTML 5Page - PULS GmbH UZB12.071 Datasheet HTML 6Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UZB12.071
U-Series
BATTERY REPLACEMENT 12V, 7AH
9. ENVIRONMENT
Operational temperature *)
-10°C to +40°C (14°F to 104°F)
For charging
Frequently charging below +5°C (41°F) reduced
the lifetime of the battery
-15°C to +50°C (5°F to 122°F)
For discharging
Storage temperature
-20°C to +50°C (-4°F to 122°F)
For storage and transportation
Recommendation:
Do not store at temperatures higher than 25°C
or performance and lifetime may change.
Humidity
5 to 95% r.h.
IEC 60068-2-30
Do not energize while condensation is present
Vibration sinusoidal
±4mm at 16.7Hz
fixed frequency for 1hour
Vibration in vertical mounting orientation
according to IEC/EN 61056-1
Shock
free fall from 20cm
onto a wooden floor
Shock with bottom down orientation
according to IEC/EN 61056-1
Altitude
0 to 6000m (0 to 20 000ft)
Degree of pollution
2
According to IEC 62477-1, not conductive
*)
Operational temperature is the same as the ambient temperature and is defined as the air temperature 2cm below the unit.
10. FULFILLED STANDARDS
UL 1989
Component recognition - Stand-by batteries
UL Category BAZR2
RoHS Directive
Batteries are exempt from the directive 2011/65/EU of the
European Parliament and the Council of June 8th, 2011 on the
restriction of the use of certain hazardous substances in
electrical and electronic equipment.
REACH Directive
Directive 1907/2006/EU of the European Parliament and the
Council of June 1st, 2007 regarding the Registration,
Evaluation, Authorisation and Restriction of Chemicals
(REACH)
IEC 61056
IEC
General purpose lead-acid batteries (valve-regulated types)
Aug. 2017 / Rev. 1.0 DS-UZB12.071
All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
4/6


Similar Part No. - UZB12.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
   BATTERY REPLACEMENT 12V, 5AH
More results

Similar Description - UZB12.071

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UZK12.071 PULS-UZK12.071 Datasheet
380Kb / 9P
   BATTERY MODULE 12V, 7AH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
UZB12.051 PULS-UZB12.051 Datasheet
171Kb / 6P
   BATTERY REPLACEMENT 12V, 5AH
UZB12.121 PULS-UZB12.121 Datasheet
168Kb / 6P
   BATTERY REPLACEMENT 12V, 12AH
UZB12.261 PULS-UZB12.261 Datasheet
184Kb / 6P
   BATTERY REPLACEMENT 12V, 26AH
logo
List of Unclassifed Man...
RBC39 ETC2-RBC39 Datasheet
36Kb / 1P
   APC Replacement Battery 12V-20AH
logo
PULS GmbH
UZK24.071 PULS-UZK24.071_17 Datasheet
370Kb / 11P
   BATTERY MODULE 24V, 7AH
UZK24.071 PULS-UZK24.071 Datasheet
386Kb / 9P
   BATTERY MODULE 24V, 7AH
logo
Ultralife Corporation.
URB1270 ULTRALIFE-URB1270 Datasheet
598Kb / 2P
   UPS battery replacement
Rev: G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com