Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3264 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part # 3264
Description  KR Electronics part number 3264 is a 230 MHz Bandpass filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3264 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3264 Datasheet HTML 1Page - KR Electronics, Inc. 3264 Datasheet HTML 2Page - KR Electronics, Inc. 3264 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2016 KR Electronics, Inc.
3264, Rev 0
KR Electronics 3264
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Filter type
Bandpass
Center Frequency
230 MHz
Insertion Loss at Fc
3.7 dBa max
2 dBa typical
1 dBc Bandwidth
27 MHz typical
2 dBc Bandwidth
25 MHz min
31 MHz typical
40 dBc Bandwidth
75 MHz typical
Rejection DC to 190 MHz
40 dBc min
Rejection 280 MHz to 1000 MHz
40 dBc min
Source and Load
50
Notes:
1.
Surface mount package
2.
Dimensions in inches
3.
Max reflow temperature 230° C for 10 sec
4.
If boards are cleaned after installation units must be completely dried


Similar Part No. - 3264

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3264 POMONA-3264 Datasheet
72Kb / 1P
   Standard Banana Plug with Threaded Stud and Solder Lug
logo
List of Unclassifed Man...
3264 ETC-3264 Datasheet
103Kb / 1P
   Heyco-Flex?줞ounting Brackets
logo
Heyco.
3264 HEYCO-3264 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
3264 HEYCO-3264 Datasheet
137Kb / 1P
   Snub Bushings
logo
Adels-Contact
326402 ADELS-326402 Datasheet
119Kb / 1P
   GSK 830 H/ 2
More results

Similar Description - 3264

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3295 KR-3295 Datasheet
58Kb / 3P
   KR Electronics part number 3295 is a 400 MHz bandpass filter
3318 KR-3318 Datasheet
80Kb / 3P
   KR Electronics part number 3318 is a 300 MHz bandpass filter
3315 KR-3315 Datasheet
115Kb / 3P
   KR Electronics part number 3315 is a 31.6 MHz Bandpass filter
3359 KR-3359 Datasheet
117Kb / 3P
   KR Electronics part number 3359 is a 48 MHz Bandpass filter.
3265 KR-3265 Datasheet
51Kb / 3P
   KR Electronics part number 3265 is a 387.5 MHz bandpass filter
3302 KR-3302 Datasheet
71Kb / 3P
   KR Electronics part number 3302 is a 300 MHz bandpass filter
3330 KR-3330 Datasheet
84Kb / 3P
   KR Electronics part number 3330 is a 153.6 MHz Bandpass filter
3322 KR-3322 Datasheet
80Kb / 3P
   KR Electronics part number 3322 is a 466 MHz bandpass filter
3360 KR-3360 Datasheet
116Kb / 3P
   KR Electronics part number 3360 is a 60 MHz Bandpass filter.
3280 KR-3280 Datasheet
70Kb / 3P
   KR Electronics part number 3280 is a 360 MHz bandpass filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com