Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTE-3226 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTE-3226
Description  IR Emitter and Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-3226 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTE-3226 Datasheet HTML 1Page - Lite-On Technology Corporation LTE-3226 Datasheet HTML 2Page - Lite-On Technology Corporation LTE-3226 Datasheet HTML 3Page - Lite-On Technology Corporation LTE-3226 Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
ABSOLUTE MAXIMUM RATINGS AT TA=25℃
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation
120
mW
Peak Forward Current (300pps, 10μs pulse)
1
A
Continuous Forward Current
60
mA
Reverse Voltage
5
V
Operating Temperature Range
-40℃ to + 85℃
Storage Temperature Range
-40℃ to + 85℃
Lead Soldering Temperature
[1.6mm(.063") From Body]
260℃ for 6 Seconds
ELECTRICAL / OPTICAL CHARACTERISTICS AT TA=25℃
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Aperture Radiant Incidence
Ee
2.7
3.5
--
mW/cm
2
IF = 20mA
Radiant Intensity
Ie
20
26
--
mW/sr
IF = 20mA
Radiant Intensity
Ie
50
65
--
mW/sr
IF = 50mA
Peak Emission Wavelength
λP
--
850
--
nm
IF = 50mA
Spectral Line Half-Width
Δλ
--
40
-
nm
IF = 50mA
Forward Voltage
VF
--
1.6
2.0
V
IF = 50mA
Reverse Current
IR
--
--
100
μA
VR = 5V
Viewing Angle (See FIG.6)
1/2
--
25
--
deg.
IF = 20mA
Part No. : LTE-3226 DATA SHEET
Page :
2
of
3
BNS-OD-C131/A4


Similar Part No. - LTE-3226

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-322-M LITEON-LTE-322-M Datasheet
137Kb / 4P
   Property of Lite-On Only
LTE-3220L-032A LITEON-LTE-3220L-032A Datasheet
447Kb / 5P
   IR Emitter and Detector
LTE-3223L-062A LITEON-LTE-3223L-062A Datasheet
421Kb / 6P
   IR Emitter and Detector
LTE-322L1-M LITEON-LTE-322L1-M Datasheet
99Kb / 4P
   Property of Lite-On Only
More results

Similar Description - LTE-3226

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
   IR Emitter and Detector
LTR-209 LITEON-LTR-209 Datasheet
284Kb / 4P
   IR Emitter and Detector
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
   IR Emitter and Detector
LTR-526AD LITEON-LTR-526AD Datasheet
279Kb / 5P
   IR Emitter and Detector
LTR-5888DHP1 LITEON-LTR-5888DHP1 Datasheet
304Kb / 5P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com