Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTE-18H0B Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTE-18H0B
Description  IR Emitter and Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-18H0B Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTE-18H0B Datasheet HTML 1Page - Lite-On Technology Corporation LTE-18H0B Datasheet HTML 2Page - Lite-On Technology Corporation LTE-18H0B Datasheet HTML 3Page - Lite-On Technology Corporation LTE-18H0B Datasheet HTML 4Page - Lite-On Technology Corporation LTE-18H0B Datasheet HTML 5Page - Lite-On Technology Corporation LTE-18H0B Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1/5
Part No. : LTE-18H0B
BNS-OD-FC002/A4
IR Emitter and Detector
LTE-18H0B
1. Description
Lite-On offers a broad range of discrete infrared components for application such as remote controller, IR wireless data
transmission, security alarm & etc. The product line includes GaAs 940nm IREDs, AIGaAs high power 880nm IREDs, AIGaAs
high speed 875nm/850nm IREDs, PIN Photodiodes, Phototransistor and Photodarlingtons.
1. 1. Features
Lead (Pb) free product and RoHS compliant.
High speed.
Low power consumption
Available for pulse operating
High efficiency
Nearly black, dark lens.
1.2. Applications
850nm IR emitter
Night Vision (Camera)
Sensor
2. Outline Dimensions
8.40
(.33)
1.0MIN (.04)
FLAT DENOTES CATHODE
4.6
(.18)
2.54 NOM.
(.1)
22MIN (.87)
SEE NOTE 4
SEE NOTE 3
1 (.04)
0.5 (.02)
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 0.5mm (.02") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.
6.
Manufacturing site: Thailand & ChangZhou


Similar Part No. - LTE-18H0B

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LTE-1/4-DA FESTO-LTE-1/4-DA Datasheet
72Kb / 1P
   Distributor endpiece
logo
List of Unclassifed Man...
LTE-10 ETC2-LTE-10 Datasheet
513Kb / 1P
   Techsil Conductive Elastomer
logo
Lite-On Technology Corp...
LTE-1252 LITEON-LTE-1252 Datasheet
262Kb / 6P
   IR Emitter and Detector
logo
List of Unclassifed Man...
LTE-15 ETC2-LTE-15 Datasheet
515Kb / 1P
   Techsil Conductive Elastomer
logo
Lite-On Technology Corp...
LTE-1650 LITEON-LTE-1650 Datasheet
82Kb / 3P
   Property of Lite-On Only
More results

Similar Description - LTE-18H0B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
   IR Emitter and Detector
LTR-209 LITEON-LTR-209 Datasheet
284Kb / 4P
   IR Emitter and Detector
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
   IR Emitter and Detector
LTR-526AD LITEON-LTR-526AD Datasheet
279Kb / 5P
   IR Emitter and Detector
LTR-5888DHP1 LITEON-LTR-5888DHP1 Datasheet
304Kb / 5P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com