Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MI1500RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MI1500RW
Description  Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MI1500RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MI1500RW Datasheet HTML 1Page - MicroPower Direct, LLC MI1500RW Datasheet HTML 2Page - MicroPower Direct, LLC MI1500RW Datasheet HTML 3Page - MicroPower Direct, LLC MI1500RW Datasheet HTML 4Page - MicroPower Direct, LLC MI1500RW Datasheet HTML 5Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPD 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
MI1524S-24RW, MI1548S-24RW Without Heatsink
MI1524S-24RW, MI1548S-24RW With Heatsink
MI1524S-12RW/-15RW, MI1548S-12RW/-15RW, 1512D-15RW,
1524D-12RW/-15RW, MI1512S-24RW, 1548D-15RW,
1512D-15RW Without Heatsink
MI1524S-12RW/-15RW, MI1548S-12RW/-15RW, 1512D-15RW,
1524D-12RW/-15RW, MI1512S-24RW, 1548D-15RW,
1512D-15RW With Heatsink
MI1548S-03RW Without Heatsink
MI1548S-03RW With Heatsink
MI1512S-03RW, MI1524S-03RW Without Heatsink
MI1512S-03RW, MI1524S-03RW With Heatsink
Derating Curves
Thermal Impedance
Air Flow
Without Heatsink
With Heatsink
Units
Natural Convection
18.2
15.3
°C/W
100 LFM
13.9
8.8
°C/W
200 LFM
12.1
6.8
°C/W
400 LFM
9.1
4.6
°C/W
Note: Natural Convection equals 20 LFM


Similar Part No. - MI1500RW

ManufacturerPart #DatasheetDescription
logo
Mechatronics, Inc.
MI10-EC12-DF MECHATRONICS-MI10-EC12-DF Datasheet
583Kb / 1P
   UL94V-0 plastic impeller
logo
MicroPower Direct, LLC
MI1000ERU MPD-MI1000ERU Datasheet
1,003Kb / 4P
   Wide 4:1 Input, 10W Miniature 1 x 1 DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
logo
List of Unclassifed Man...
MI100H27AH ETC1-MI100H27AH Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
MI100H27H ETC1-MI100H27H Datasheet
317Kb / 2P
   5mm X 7mm Ceramic SMD
More results

Similar Description - MI1500RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1500RW MPD-B1500RW Datasheet
265Kb / 2P
   Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
   Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
   Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
   Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
   Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
   Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com