Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74SXT2G08UEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74SXT2G08UEX
Description  SOTiny Gate STX Dual 2-Input AND
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SXT2G08UEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74SXT2G08UEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74SXT2G08UEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SXT2G08UEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SXT2G08UEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74SXT2G08UEX Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PS8583A
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX2G08
SOTinyGate STX
Dual 2-Input AND
Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com
OrderingInformation
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape and reel
Ordering Code
Package Code
Package Description
PI74SXT2G08UX
U
8-pin MSOP
PI74SXT2G08UEX
U
Pb-free & Green, 8-pin MSOP
PI74SXT2G08DX
D
8-pin US8
PI74SXT2G08DEX
D
Pb-free & Green, 8-pin US8


Similar Part No. - PI74SXT2G08UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SXT1GU04C PERICOM-PI74SXT1GU04C Datasheet
154Kb / 4P
   Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
PI74SXT1GU04CE PERICOM-PI74SXT1GU04CE Datasheet
154Kb / 4P
   Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
PI74SXT1GU04T PERICOM-PI74SXT1GU04T Datasheet
154Kb / 4P
   Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
PI74SXT1GU04TE PERICOM-PI74SXT1GU04TE Datasheet
154Kb / 4P
   Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
More results

Similar Description - PI74SXT2G08UEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
   SOTiny Gate STX 2-Input AND
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
   SOTiny Gate STX 2-Input
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
   SOTiny Gate STX 2-Input
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
   SOTiny Gate STX Inverter
PI74STX2G14 PERICOM-PI74STX2G14 Datasheet
193Kb / 5P
   SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PI74STX1G14 PERICOM-PI74STX1G14 Datasheet
159Kb / 5P
   SOTiny Gate STX Schmitt-Trigger Inverter
PI74STX1G32 PERICOM-PI74STX1G32 Datasheet
162Kb / 4P
   SOTuny Gate STX 2-Input OR
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
317Kb / 5P
   SOTiny Gate ST 2-Input
PI74STX1G126 PERICOM-PI74STX1G126 Datasheet
383Kb / 6P
   SOTiny??Gate STX Buffer with 3-State Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com