Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA12003NRFB Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # S48SA12003NRFB
Description  Industry standard footprint and pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA12003NRFB Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  S48SA12003NRFB Datasheet HTML 1Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 2Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 3Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 4Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 5Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 6Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 7Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 8Page - Delta Electronics, Inc. S48SA12003NRFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_S48SA05006_09252012
ELECTRICAL CHARACTERISTICS CURVES
Figure5: Turn-on transient at zero load current (2 ms/div). Top
Trace: Vout (2V/div); Bottom Trace: ON/OFF Control (5V/div).
Figure 6: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs). Load cap: 10µF,
100 m
Top Trace: Vout (50mV/div), Bottom Trace: Iout (2A/div).
Figure 7: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs). Load cap:
10µF, 100 m
R tantalum capacitor and 1µF ceramic
capacitor. Top Trace: Vout (50mV/div), Bottom Trace: Iout
2A/div).
Figure 8: Test set-up diagram showing measurement points
for Input Reflected Ripple Current (Figure 9).
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance.
4


Similar Part No. - S48SA12003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
More results

Similar Description - S48SA12003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA DELTA-S48SA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com