Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA3R310NRFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SA3R310NRFA
Description  UL/cUL 60950 (US & Canada) recognized
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA3R310NRFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SA3R310NRFA Datasheet HTML 1Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA3R310NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
High efficiency: 90.5% @ 3.3V/ 10A
Size: 47.2mm x 29.5mm x 8.35mm
(1.86" x 1.16" x 0.33")
Low profile: 0.33"
Industry standard footprint and pin out
Surface mountable
Fixed frequency operation
Input UVLO, Output OCP, OVP
No minimum load required
2:1 input voltage range
Basic insulation
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized
OPTIONS
Positive on/off logic
SMD or Through hole mounting
Delphi Series S48SA, 33W Family
DC/DC Power Modules: 48V in, 3.3V/10A out
The Delphi Series S48SA, surface mountable, 48V input, single
output, isolated DC/DC converters are the latest offering from a world
leader in power system and technology and manufacturing
– Delta
Electronics, Inc. This product family provides up to 33 watts of power or
up to 12A of output current (1.8V or below). With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions. All
models are protected from abnormal input/output voltage and current
conditions.
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
Delta Electronics, Inc.
DATASHEET
DS_S48SA3R310_10112013


Similar Part No. - S48SA3R310NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA3R310NRFA DELTA-S48SA3R310NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA3R310NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP12003 DELTA-S48SP12003 Datasheet
448Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
T48SR3R307 DELTA-T48SR3R307 Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
   UL and cUL Recognized
logo
Surge Components
2W005M SURGE-2W005M Datasheet
129Kb / 2P
   ul recognized
logo
Japan Aviation Electron...
DW1 JAE-DW1 Datasheet
1Mb / 13P
   UL Recognized Product
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
logo
Grayhill, Inc
19101-02UL GRAYHILL-19101-02UL Datasheet
479Kb / 1P
   UL Recognized Rugged Construction
logo
Murata Power Solutions ...
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
logo
Mallory Sonalert Produc...
SBS12CHCMPPC MSPI-SBS12CHCMPPC Datasheet
87Kb / 1P
   cUL Recognized to IEC60601-1-8 AMD1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com