Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP12003 Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # S48SP12003
Description  UL/cUL 60950 (US & Canada) recognized
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP12003 Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button S48SP12003 Datasheet HTML 2Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 3Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 4Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 5Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 6Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 7Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 8Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 9Page - Delta Electronics, Inc. S48SP12003 Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS_S48SP12003_10252013
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (100mA/div, 1us/div)
Figure 12: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 1us/div)
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
Figure 13: Output voltage noise and ripple measurement test
setup
Figure 14: Output voltage ripple at nominal input voltage and
rated load current (Io=3A)(20 mV/div, 1us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module
Figure 15: Output voltage vs. load current showing typical
current limit curves and converter shutdown points
0
0
0


Similar Part No. - S48SP12003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP12003EKFA DELTA-S48SP12003EKFA Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP12003EKFB DELTA-S48SP12003EKFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP12003EMFA DELTA-S48SP12003EMFA Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP12003EMFB DELTA-S48SP12003EMFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP12003ENFA DELTA-S48SP12003ENFA Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
More results

Similar Description - S48SP12003

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA3R310 DELTA-S48SA3R310 Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
T48SR3R307 DELTA-T48SR3R307 Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
   UL and cUL Recognized
logo
Surge Components
2W005M SURGE-2W005M Datasheet
129Kb / 2P
   ul recognized
logo
Japan Aviation Electron...
DW1 JAE-DW1 Datasheet
1Mb / 13P
   UL Recognized Product
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
logo
Grayhill, Inc
19101-02UL GRAYHILL-19101-02UL Datasheet
479Kb / 1P
   UL Recognized Rugged Construction
logo
Murata Power Solutions ...
NCS12S1203C MURATA-PS-NCS12S1203C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
logo
Mallory Sonalert Produc...
SBS12CHCMPPC MSPI-SBS12CHCMPPC Datasheet
87Kb / 1P
   cUL Recognized to IEC60601-1-8 AMD1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com