Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACSR24012 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PACSR24012
Description  24V Output AC/DC Converter, Module Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PACSR24012 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PACSR24012 Datasheet HTML 1Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 2Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 3Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 4Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 5Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 6Page - Delta Electronics, Inc. PACSR24012 Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS_PACSR24012_05232017
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P3
ELECTRICAL CURVES (continous)
Figure 4: Dynamic response to load step 3A~9A with 0.1A/uS
slew rate at 110/220Vac
TOP: Vout, 200mV/div, BOTTOM:Iout,10A/div,1mS/div
Figure 5: Vout start up with Enable on at
220Vac,12A Iout,
TOP:Vout, 10V/div, 500mS/div
BOTTOM: Vin, 500V/div, 500mS/div
Figure 6: Output ripple & noise at
110/220Vac, 12A Iout
CH4:VOUT, 50mV/div, 5mS/div
Figure 7: Output over voltage protection at 110/220Vac,12A
Iout. CH4:VOUT, 5V/div, 500mS/div
Figure 8: Inrush current @ Vin=220Vac. CH2:Iin, 10A/div,
5mS/div;


Similar Part No. - PACSR24012

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR24021A DELTA-PACSR24021A Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR24021S DELTA-PACSR24021S Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
More results

Similar Description - PACSR24012

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR28018 DELTA-PACSR28018 Datasheet
776Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR28010 DELTA-PACSR28010 Datasheet
830Kb / 7P
   28V Output AC/DC Converter, Module Package
PACSR48006 DELTA-PACSR48006 Datasheet
903Kb / 7P
   48V Output AC/DC Converter, Module Package
B70SR24125A DELTA-B70SR24125A Datasheet
935Kb / 12P
   24V Output DC/DC Converter, Box Type Package
B62SR24125A DELTA-B62SR24125A Datasheet
1,019Kb / 13P
   24V Output DC/DC Converter, Box Type Package
logo
Rohm
BP5039A ROHM-BP5039A Datasheet
37Kb / 3P
   AC/DC converter - AC100V input, 24V/200mA output
BP5048-24 ROHM-BP5048-24 Datasheet
37Kb / 3P
   AC/DC converter - AC220V input, 24V/200mA output
logo
Vicor Corporation
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com