Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955 Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. FZT955
Description  PNP Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 1 page
background image
FZT955
Features
x High Voltage
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
-140
V
VCBO
Collector-Base Voltage
-180
V
VEBO
Emitter-Base Voltage
-6.0
V
IC
Collector Current DC
-4.0
A
TJ
Junction Temperature
1
50
O C
TSTG
Storage Temperature
-55 to +150
O C
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CBO
Collector-Base
Breakdown Voltage
(IC
=-0.1mAdc, I
E=0)
-180
---
---
Vdc
V(BR)CEO
Collector-Emitter
Breakdown Voltage
(IC=
-10mAdc, I
B=0)
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IE=
-0.1mAdc, I
C=0)
-6.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
-150Vdc, I
E=0)
---
---
-50
nAdc
IEBO
Emitter Cutoff Current
(VEB=
-6.0Vdc, I
C=0)
---
---
-10
nAdc
hFE(1)
DC Current Gain
(VCE=
-5Vdc, I
C=
-10mAdc)
100
---
---
---
---
---
-60
fT
Transition Frequency
(VCE=
-10Vdc, I
C=
-10mAdc,f=100MHz)
---
---
-0.95
Vdc
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
B
20
17/05/25
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER
www.mccsemi.com
1 of
4

VBE(sat)
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=
-0.1Adc,I
B=
-5.0mAdc)
(IC=
-0.5Adc,I
B=
-50mAdc)
---
---
Base-Emitter
Saturation Voltage
(IC=
-3.0Adc,I
B=
-300mAdc)
---
---
-1.11
Vdc
-120
Vdc
Vdc
-140
---
---
Vdc
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Halogen free available upon request by adding suffix "-HF"
1
2
3
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.130
.146
3.30
3.70
C
.264
.287
6.70
7.30
D
.001
.004
0.02
0.10
E
.114
.122
2.90
3.10
F
.091
2.30
G
---
.071
---
1.80
H
.009
.014
0.23
0.35
J
.030
---
0.75
---
A
.248
.264
6.30
6.70
hFE(2)
DC Current Gain
(VCE=
-5Vdc, I
C=
-1Adc)
100
---
300
---
hFE(3)
DC Current Gain
(VCE=
-5Vdc, I
C=
-3Adc)
75
---
---
---
Cob
Collector Output Capacitance
(
V
C
B=
-20Vdc,IE=0,f=1MHz)
30
---
---
MHz
---
40
---
pF
PNP
Plastic-Encapsulate
Transistors
Micro Commercial Components
M C C
R
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
M
arking:ZT955
PC
Collector Power Dissipation
0.8
W
RthJA
Thermal Resistance From Junction To Ambient
156
o
C/W
(IC=
-1.0Adc,I
B=
-100mAdc)
---
---
-150
Vdc
VBE
Base-Emitter Voltage
(
V
C
E=
-5.0Vdc,IC=-3.0Adc)
(IC=
-3.0Adc,I
B=
-300mAdc)
---
---
-370
Vdc




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl