Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FZT955 Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. FZT955
Description  PNP Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

   
 2 page
background image
FZT955
Revision: B
2017/05/25
www.mccsemi.com
2 of
4
Typical Characteristics
Micro Commercial Components
M C C
R
-0.1
-1
-1000
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-1.1
-1.2
-0.0
-0.2
-1.0
-1.2
-0.1
-1
-10
-100
-1000
-0.1
-10
10
100
-1
-1000
50
100
150
200
250
300
350
400
-0
-1
-7
-8
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-0.1
-1
-10
-100
-1000
-10
-100
-5
-500
800
300
200
-3000
-3000
-10
-100
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
β=10
V
BEsat
—— I
C
V
CE=-5V
T
a=25
T
a=100
oC
V
BE
——
I
C
-20
-3000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
Cob
Cib
COLLECTOR CURRENT I
C
(mA)
C
ob
/ C
ib
—— V
CB
/ V
EB
-1
REVERSE VOLTAGE V (V)
-4000
-10
-100
COLLECTOR CURRENT I
C
(mA)
T
a=25
oC
T
a=100
oC
V
CE=-5V
I
C
h
FE
——
-0.4
-0.6
-0.8
BASE-EMITTER VOLTAGE
V
BE
(V)
COMMON
EMITTER
T
a=25
-2
-3
-4
-5
-6
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-2mA
-3mA
-4mA
-9mA
--8mA
-5mA
-10mA
-7mA
-6mA
I
B=-1mA
Static Characteristic
T
a=25
T
a=100
β=10
V
CEsat
——
I
C




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl