Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1490EBCPG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1490EBCPG
Description  15kV ESD-Protected, Isolated RS-485/RS-422
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1490EBCPG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1490EBCPG Datasheet HTML 1Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 2Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 3Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 4Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 5Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 6Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 7Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 8Page - Maxim Integrated Products MAX1490EBCPG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
_________________General Description
The MAX1480EA/MAX1480EC/MAX1490EA/MAX1490EB
are complete, electrically isolated, RS-485/RS-422 data
communications interface solutions in a hybrid microcir-
cuit. The RS-485/RS-422 I/O pins are protected against
±15kV electrostatic discharge (ESD) shocks, without
latchup. Transceivers, optocouplers, and a transformer
provide a complete interface in a standard DIP package.
A single +5V supply on the logic side powers both sides
of the interface.
The MAX1480EC/MAX1490EB feature reduced-slew-rate
drivers that minimize EMI and reduce reflections caused
by improperly terminated cables, allowing error-free data
transmission at data rates up to 160kbps. The
MAX1480EA/MAX1490EA driver slew rate is not limited,
allowing transmission rates up to 2.5Mbps. The
MAX1480EA/MAX1480EC are designed for half-duplex
communication, while the MAX1490EA/MAX1490EB fea-
ture full-duplex communication.
Drivers are short-circuit current limited and protected
against excessive power dissipation by thermal shut-
down circuitry that places the driver outputs into a high-
impedance state. The receiver input has a fail-safe
feature that guarantees a known output (RO low for the
MAX1480EA/MAX1480EC, RO high for the MAX1490EA/
MAX1490EB) if the input is open circuit.
The MAX1480EA/MAX1480EC/MAX1490EA/MAX1490EB
withstand 1260VRMS (1min) or 1520VRMS (1s). Their iso-
lated outputs meet all RS-485/RS-422 specifications. The
MAX1480EA/MAX1480EC are available in a 28-pin DIP
package, and the MAX1490EA/MAX1490EB are available
in a 24-pin DIP package.
.
________________________Applications
Isolated RS-485/RS-422 Data Interface
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Automatic Test Equipment
HVAC/Building Control Networks
Telecom
____________________________Features
o Isolated Data Interface, Guaranteed to 1260VRMS
(1min)
o ±15kV ESD Protection on I/O Pins
o Slew-Rate Limited for Errorless Data
Transmission (MAX1480EC/MAX1490EB)
o High-Speed, Isolated, 2.5Mbps RS-485/RS-422
Interface (MAX1480EA/MAX1490EA)
o Full-Duplex Data Communication
(MAX1490EA/MAX1490EB)
o Single +5V Supply
o Current Limiting and Thermal Shutdown for
Driver Overload Protection
o Standard 0.6in DIP Packages
28-Pin DIP (MAX1480EA/MAX1480EC)
24-Pin DIP (MAX1490EA/MAX1490EB)
±15kV ESD-Protected, Isolated RS-485/RS-422
Data Interfaces
________________________________________________________________ Maxim Integrated Products
1
Pin Configurations
1
24
23
22
21
20
19
18
17
2
3
4
5
6
7
8
AC1
AC2
ISO VCC1
ISO RO DRV
D2
D1
A
B
Z
Y
SD
FS
GND1
16
15
14
13
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO RO LED
GND2
RO
DI
DIP
VCC2
VCC3
VCC4
VCC1
MAX1490EA/
MAX1490EB
TOP VIEW
ISOLATION BARRIER
19-1940; Rev 0; 4/01
PART
MAX1480EACPI
MAX1480EAEPI
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 Wide Plastic DIP*
28 Wide Plastic DIP*
_______________Ordering Information
Ordering Information continued at end of data sheet.
Data rate for A parts is up to 2.5Mbps. Data rate for C parts is
up to 250kbps.
*See Reliability section at end of data sheet.
Pin Configurations continued at end of data sheet.
Selector Guide appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1490EBCPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14900DEVBRD MAXIM-MAX14900DEVBRD Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
MAX14900DEVKIT MAXIM-MAX14900DEVKIT Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
2015
MAX14900E MAXIM-MAX14900E Datasheet
1Mb / 31P
   Global and Per-Channel Diagnostics
Rev 4; 4/15
MAX14900E MAXIM-MAX14900E Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
MAX14906 MAXIM-MAX14906 Datasheet
2Mb / 16P
   Evaluation Kit
Rev 1; 3/21
More results

Similar Description - MAX1490EBCPG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
   -15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
MAX3095 MAXIM-MAX3095_1 Datasheet
198Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V,, Quad RS-422/RS-485 Receivers
Rev 3; 1/10
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com