Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4554-DW Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH4554-DW
Description  Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4554-DW Datasheet(HTML) 8 Page - OSRAM GmbH

  SFH4554-DW Datasheet HTML 1Page - OSRAM GmbH SFH4554-DW Datasheet HTML 2Page - OSRAM GmbH SFH4554-DW Datasheet HTML 3Page - OSRAM GmbH SFH4554-DW Datasheet HTML 4Page - OSRAM GmbH SFH4554-DW Datasheet HTML 5Page - OSRAM GmbH SFH4554-DW Datasheet HTML 6Page - OSRAM GmbH SFH4554-DW Datasheet HTML 7Page - OSRAM GmbH SFH4554-DW Datasheet HTML 8Page - OSRAM GmbH SFH4554-DW Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2016-09-26
8
Version 1.4
SFH 4554
Glossary
1) Thermal resistance: junction -ambient, mounted on PC-board (FR4), padsize 16 mm2 each
2) Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data or
calculated correlations of technical parameters can only reflect statistical figures. These do not necessarily
correspond to the actual parameters of each single product, which could differ from the typical data and calculated
correlations or the typical characteristic line. If requested, e.g. because of technical improvements, these typ. data
will be changed without any further notice.


Similar Part No. - SFH4554-DW

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
   High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550 Datasheet
394Kb / 9P
   Infrared Emitter
SFH4550-EWFW OSRAM-SFH4550-EWFW Datasheet
394Kb / 9P
   Infrared Emitter
SFH4550E9548 OSRAM-SFH4550E9548 Datasheet
394Kb / 9P
   Infrared Emitter
More results

Similar Description - SFH4554-DW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com