Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4554-DW Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH4554-DW
Description  Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4554-DW Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH4554-DW Datasheet HTML 1Page - OSRAM GmbH SFH4554-DW Datasheet HTML 2Page - OSRAM GmbH SFH4554-DW Datasheet HTML 3Page - OSRAM GmbH SFH4554-DW Datasheet HTML 4Page - OSRAM GmbH SFH4554-DW Datasheet HTML 5Page - OSRAM GmbH SFH4554-DW Datasheet HTML 6Page - OSRAM GmbH SFH4554-DW Datasheet HTML 7Page - OSRAM GmbH SFH4554-DW Datasheet HTML 8Page - OSRAM GmbH SFH4554-DW Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Version 1.4
SFH 4554
2016-09-26
7
TTW Soldering
IEC-61760-1 TTW
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language wordings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K


Similar Part No. - SFH4554-DW

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
   High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550 Datasheet
394Kb / 9P
   Infrared Emitter
SFH4550-EWFW OSRAM-SFH4550-EWFW Datasheet
394Kb / 9P
   Infrared Emitter
SFH4550E9548 OSRAM-SFH4550E9548 Datasheet
394Kb / 9P
   Infrared Emitter
More results

Similar Description - SFH4554-DW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com