Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4551 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH4551
Description  High Power Infrared Emitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4551 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH4551_17 Datasheet HTML 5Page - OSRAM GmbH SFH4551_17 Datasheet HTML 6Page - OSRAM GmbH SFH4551_17 Datasheet HTML 7Page - OSRAM GmbH SFH4551_17 Datasheet HTML 8Page - OSRAM GmbH SFH4551_17 Datasheet HTML 9Page - OSRAM GmbH SFH4551_17 Datasheet HTML 10Page - OSRAM GmbH SFH4551_17 Datasheet HTML 11Page - OSRAM GmbH SFH4551_17 Datasheet HTML 12Page - OSRAM GmbH SFH4551_17 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2017-06-22
10
Version 1.5
SFH 4551
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
349 ± 5
349 ± 5
38 ±5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Similar Part No. - SFH4551_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4551 OSRAM-SFH4551 Datasheet
290Kb / 13P
   High Power Infrared Emitter (850nm) in SMR
More results

Similar Description - SFH4551_17

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4259 OSRAM-SFH4259 Datasheet
449Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com