Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4550E9548 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4550E9548
Description  Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4550E9548 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4550E9548 Datasheet HTML 1Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 2Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 3Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 4Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 5Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 6Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 7Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 8Page - OSRAM GmbH SFH4550E9548 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2017-06-22
2
Version 1.6
SFH 4550
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operating temperature range
T
op
-40 ... 100
°C
Storage temperature range
T
stg
-40 ... 100
°C
Reverse voltage
V
R
5
V
Forward current
I
F
100
mA
Surge current
(tp ≤ 100 µs, D = 0)
I
FSM
1
A
Power consumption
Ptot
180
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - ambient 1) page 8
RthJA
450
K / W
Parameter
Symbol
Values
Unit
Peak wavelength
(I
F = 100 mA, tp = 20 ms)
(typ)
λ
peak
860
nm
Centroid wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
λ
centroid
850
nm
Spectral bandwidth at 50% of Imax
(IF = 100 mA, tp = 20 ms)
(typ)
∆λ
30
nm
Half angle
(typ)
ϕ
± 3
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of I
e ( 10% and 90% of Ie max)
(I
F = 100 mA, RL = 50 Ω)
(typ)
t
r, tf
12
ns
Forward voltage
(IF = 100 mA, tp = 20 ms)
(typ (max)) VF
1.5 (≤ 1.8)
V
Forward voltage
(IF = 1 A, tp = 100 µs)
(typ (max)) VF
2.4 (≤ 3)
V
Reverse current
(V
R = 5 V)
I
R
not designed for
reverse operation
µA
Total radiant flux
(I
F=100 mA, tp=20 ms)
(typ)
Φ
e
70
mW


Similar Part No. - SFH4550E9548

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
   High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550_12 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results

Similar Description - SFH4550E9548

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com