Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4550 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4550
Description  Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4550 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4550 Datasheet HTML 1Page - OSRAM GmbH SFH4550 Datasheet HTML 2Page - OSRAM GmbH SFH4550 Datasheet HTML 3Page - OSRAM GmbH SFH4550 Datasheet HTML 4Page - OSRAM GmbH SFH4550 Datasheet HTML 5Page - OSRAM GmbH SFH4550 Datasheet HTML 6Page - OSRAM GmbH SFH4550 Datasheet HTML 7Page - OSRAM GmbH SFH4550 Datasheet HTML 8Page - OSRAM GmbH SFH4550 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.6
SFH 4550
2017-06-22
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 100 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of V
F
(I
F = 100 mA, tp = 20 ms)
(typ)
TC
V
-0.7
mV / K
Temperature coefficient of wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF= 100 mA, tp= 20 ms
IF= 100 mA, tp= 20 ms
IF = 1 A, tp = 25 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 4550-EW
630
1250
7500
SFH 4550-FW
1000
2000
12000
SFH 4550-GW
1600
3200
19000
Note:
Measured at a solid angle of Ω = 0.001 sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 2) page 8
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 8
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
Parameter
Symbol
Values
Unit
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHL01715
10
-3
mA
10
1
0
10
5
5
10
-1
-2
5
10
e
e (100 mA)
I
I
I
F
0
10
1
10
2
10
3
10
5
5


Similar Part No. - SFH4550

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
   High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550_12 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results

Similar Description - SFH4550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com