Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4550 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4550
Description  Infrared Emitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4550 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4550 Datasheet HTML 1Page - OSRAM GmbH SFH4550 Datasheet HTML 2Page - OSRAM GmbH SFH4550 Datasheet HTML 3Page - OSRAM GmbH SFH4550 Datasheet HTML 4Page - OSRAM GmbH SFH4550 Datasheet HTML 5Page - OSRAM GmbH SFH4550 Datasheet HTML 6Page - OSRAM GmbH SFH4550 Datasheet HTML 7Page - OSRAM GmbH SFH4550 Datasheet HTML 8Page - OSRAM GmbH SFH4550 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2017-06-22
6
Version 1.6
SFH 4550
Approximate Weight:
0.3 g
Note
Packing information is available on the internet (online product catalog).
Recommended Solder Pad
Dimensions in mm.
Note:
pad 1: cathode


Similar Part No. - SFH4550

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4550 OSRAM-SFH4550 Datasheet
249Kb / 7P
   High Power Infrared Emitter (850 nm)
SFH4550 OSRAM-SFH4550 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4550 OSRAM-SFH4550_12 Datasheet
146Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
More results

Similar Description - SFH4550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH431 SIEMENS-SFH431 Datasheet
39Kb / 1P
   INFRARED EMITTER
logo
Marktech Corporate
MTE8050 MARKTECH-MTE8050 Datasheet
179Kb / 2P
   Infrared Emitter
MTE1300W MARKTECH-MTE1300W Datasheet
601Kb / 3P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC Datasheet
532Kb / 2P
   Infrared Emitter
MTE1300-WRC MARKTECH-MTE1300-WRC_15 Datasheet
532Kb / 2P
   Infrared Emitter
MTE8760MC MARKTECH-MTE8760MC_15 Datasheet
839Kb / 4P
   Infrared Emitter
MTE8800C MARKTECH-MTE8800C_15 Datasheet
130Kb / 2P
   Infrared Emitter
MTE8800PT MARKTECH-MTE8800PT_15 Datasheet
598Kb / 4P
   Infrared Emitter
MTE9440M3A MARKTECH-MTE9440M3A_15 Datasheet
641Kb / 4P
   Infrared Emitter
MTE1300N MARKTECH-MTE1300N_15 Datasheet
671Kb / 3P
   Infrared Emitter
MTSM0074-843-IR MARKTECH-MTSM0074-843-IR Datasheet
1Mb / 5P
   Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com