Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C392J3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C392J3GACTU
Description  SMD Comm C0G, Ceramic, 3900 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C392J3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C392J3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/23/2017 - e4907782-e287-4c09-b9d5-2a9a1e49c83e
KEMET Part Number: C0805C392J3GACTU
(C0805C392J3GAC7800)
SMD Comm C0G, Ceramic, 3900 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: SMD Comm C0G
Style: SMD Chip
Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Features: Ultra-Stable, Low Loss, Class I
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Chip Size: 0805
Specifications
Capacitance: 3900 pF
Capacitance Tolerance: 5%
Voltage DC: 25 VDC
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 1kHz 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C392J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C392J1GACAUTO KEMET-C0805C392J1GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 3900 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0805
C0805C392J2GACAUTO KEMET-C0805C392J2GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 3900 pF, 5%, 200 V, 0805, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0805C392J5RACTU KEMET-C0805C392J5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 3900 pF, 5%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0805C392J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C392J3GACTU KEMET-C0603C392J3GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 3900 pF, 5%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C1206C392J5GACTU KEMET-C1206C392J5GACTU Datasheet
72Kb / 1P
   Ceramic, SMD Comm C0G, 3900 pF, 5%, 50 V, 1206, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0805C100J3GACTU KEMET-C0805C100J3GACTU Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 10 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C220K3GACTU KEMET-C0805C220K3GACTU Datasheet
58Kb / 1P
   SMD Comm C0G, Ceramic, 22 pF, 10%, 25 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C562J5GACTU KEMET-C0805C562J5GACTU Datasheet
72Kb / 1P
   SMD Comm C0G, Ceramic, 5600 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C271J1GACTU KEMET-C0805C271J1GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 270 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C330J2GACTU KEMET-C0805C330J2GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 33 pF, 5%, 200 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C680J2GACTU KEMET-C0805C680J2GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 68 pF, 5%, 200 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C510J1GACTU KEMET-C0805C510J1GACTU Datasheet
71Kb / 1P
   SMD Comm C0G, Ceramic, 51 pF, 5%, 100 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
C0805C182JAGACTU KEMET-C0805C182JAGACTU Datasheet
59Kb / 1P
   SMD Comm C0G, Ceramic, 1800 pF, 5%, 250 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com