Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C105M3RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C105M3RACTU
Description  SMD Comm X7R, Ceramic, 1 uF, 20%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C105M3RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C105M3RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/23/2017 - 631c9550-b571-4952-98ca-1768502d02af
KEMET Part Number: C0805C105M3RACTU
(C0805C105M3RAC7800)
SMD Comm X7R, Ceramic, 1 uF, 20%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
1.25mm +/-0.15mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 2500
General Information
Supplier: KEMET
Series: SMD Comm X7R
Style: SMD Chip
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
48 hours
Chip Size: 0805
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 20%
Voltage DC: 25 VDC
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 3.5% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C105M3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C105M3RAC KEMET-C0805C105M3RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
More results

Similar Description - C0805C105M3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C225M3RACTU KEMET-C0805C225M3RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 2.2 uF, 20%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C1206C105M3RACTU KEMET-C1206C105M3RACTU Datasheet
57Kb / 1P
   SMD Comm X7R, Ceramic, 1 uF, 20%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1206
C0805C475M3RACTU KEMET-C0805C475M3RACTU Datasheet
64Kb / 1P
   SMD Comm X7R, Ceramic, 4.7 uF, 20%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C334M3RACTU KEMET-C0805C334M3RACTU Datasheet
62Kb / 1P
   SMD Comm X7R, Ceramic, 0.33 uF, 20%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C184K3RACTU KEMET-C0805C184K3RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.18 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C105K3RACTM KEMET-C0805C105K3RACTM Datasheet
515Kb / 4P
   SMD Comm X7R, Ceramic, 1 uF, 10%, 25 VDC, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C473K3RACTU KEMET-C0805C473K3RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.047 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C223K3RACTU KEMET-C0805C223K3RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.022 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C684K3RACTU KEMET-C0805C684K3RACTU Datasheet
72Kb / 1P
   SMD Comm X7R, Ceramic, 0.68 uF, 10%, 25 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
C0805C475M4RACTU KEMET-C0805C475M4RACTU Datasheet
71Kb / 1P
   SMD Comm X7R, Ceramic, 4.7 uF, 20%, 16 V, X7R, SMD, MLCC, Temperature Stable, Class II, 0805
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com