Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4259-U Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4259-U
Description  High Power Infrared Emitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4259-U Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4259-U Datasheet HTML 1Page - OSRAM GmbH SFH4259-U Datasheet HTML 2Page - OSRAM GmbH SFH4259-U Datasheet HTML 3Page - OSRAM GmbH SFH4259-U Datasheet HTML 4Page - OSRAM GmbH SFH4259-U Datasheet HTML 5Page - OSRAM GmbH SFH4259-U Datasheet HTML 6Page - OSRAM GmbH SFH4259-U Datasheet HTML 7Page - OSRAM GmbH SFH4259-U Datasheet HTML 8Page - OSRAM GmbH SFH4259-U Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-09-23
4
Version 1.6/ OS-IN-2015-033
SFH 4259
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 300 K / W
Forward Current 3) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
IF = f(tp), TA = 25 °C, duty cycle D = parameter
Permissible Pulse Handling Capability
IF = f(tp), TA = 85 °C, duty cycle D = parameter
0
0
˚C
T
IF
mA
OHL01716
A
20
40
60
80
100
120
20
40
60
80
120
OHL01713
F
I
10
-4
0.5
1
1.5
2
2.5 V 3
10
0
A
0
F
V
-1
10
5
5
10
-2
-3
5
10
0.05
2
1
0
-1
-2
-3
-4
-5
10
10
10
10
10
tp
10
10
s
10
0
0.1
0.005
0.02
0.01
D =
T
t
A
IF
D =
I
P
T
F
P
t
OHF05438
0.2
0.5
1
0.033
0.2
0.4
0.6
0.8
1.0
1.2
tp
0
T
t
A
IF
D =
I
P
T
F
P
t
OHF05708
-5
10
-3
-4
10
10
-1
-2
10
10
1
0
10
10 s
2
10
0.5
1
0.2
0.1
0.01
0.05
0.02
=
0.005
D
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1


Similar Part No. - SFH4259-U

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4259 OSRAM-SFH4259 Datasheet
250Kb / 10P
   High Power Infrared Emitter (850 nm)
SFH4259 OSRAM-SFH4259 Datasheet
176Kb / 11P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4259S OSRAM-SFH4259S Datasheet
218Kb / 10P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4259S OSRAM-SFH4259S Datasheet
426Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH4259-U

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com