Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3012KM Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SI-3012KM
Description  1 A, Low-Dropout, 1.28~15 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3012KM Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-3012KM Datasheet HTML 1Page - Allegro MicroSystems SI-3012KM Datasheet HTML 2Page - Allegro MicroSystems SI-3012KM Datasheet HTML 3Page - Allegro MicroSystems SI-3012KM Datasheet HTML 4Page - Allegro MicroSystems SI-3012KM Datasheet HTML 5Page - Allegro MicroSystems SI-3012KM Datasheet HTML 6Page - Allegro MicroSystems SI-3012KM Datasheet HTML 7Page - Allegro MicroSystems SI-3012KM Datasheet HTML 8Page - Allegro MicroSystems SI-3012KM Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
18
ICs
1-1-1 Linear Regulator ICs
■Block Diagram
●SI-3010KM/SI-3012KM
●SI-3025KM/SI-3033KM/SI-3050KM/SI-3090KM/SI-3120KM
2
VIN
1
REF
VC
VOUT
ADJ
GND
5
3
4
TSD
-
+
2
VIN
1
REF
VC
VO
Sense
GND
5
3
4
TSD
-
+
■Typical Connection Diagram
CIN: Input capacitor (22
µF or larger)
CO: Output capacitor
*1: SI-3012KM/3025KM/3033KM (22
µF or larger)
It comes with a circuit configuration that uses a low ESR capacitor for the output
capacitor.
If an electrolytic capacitor is used, oscillation may occur at a low temperature.
SI-3010KM/3050KM/3090KM/3120KM (47
µF or larger)
If a low ESR capacitor is used, oscillation may occur.
*2: D1: Reverse bias protection diode
This diode is required for protection against reverse biasing between the input
and output.
(Sanken SJPL-H2 is recommended.)
This diode is not required at VO
≤ 3.3 V.
●SI-3025KM/SI-3033KM/SI-3050KM/
SI-3090KM/SI-3120KM
●SI-3010KM/SI-3012KM
R1, R2: Output voltage setting resistors
Output voltage can be set by connecting R1 and R2 as shown
above.
R2: 10 k
Ω is recommended (24 kΩ for SI-3012KM).
R1=(VO–VADJ)
÷(VADJ/R2)
*3: For SI-3010KM, insert R3 in case of setting VO to VO
≤ 1.5V.
Recommended value for R3 is 10k
Ω.
GND
3
VIN
CIN
2
VO
CO
4
VC
1
sense
5
+
+
D1*2
*1
GND
3
VIN
CIN
R1
R2
2
VO
4
VC
1
ADJ
5
+
D1*2
CO
+
*1
■Reference Data
Copper Laminate Area-Thermal Resistance
Copper Laminate Area-Power Dissipation
10
100
1000
40
50
60
70
80
90
100
Copper Laminate Area (mm2)
Glass-epoxy board : 30
×30mm
Glass-epoxy board : 30
×30mm
0
0.5
1
1.5
Ta=25
°C
40
°C
60
°C
85
°C
10
100
1000
Copper Laminate Area (mm2)
• Obtaining the junction temperature
Measure the temperature TC at the lead part
of the GND pin with a thermocouple, etc.
Then, substitute this value in the following
formula to obtain the junction temperature.
Tj=PD
× θj–C + TC
(
θj–C = 6°C/W)
Case temperature Tc
measurement point


Similar Part No. - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3012KM SANKEN-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Similar Description - SI-3012KM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
    1 A, Low-Dropout, 1.0~16 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com