Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAMX20UP60A Datasheet(PDF) 7 Page - International Rectifier

Part # IRAMX20UP60A
Description  20A, 600V with open Emitter Pins
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAMX20UP60A Datasheet(HTML) 7 Page - International Rectifier

Back Button IRAMX20UP60A Datasheet HTML 3Page - International Rectifier IRAMX20UP60A Datasheet HTML 4Page - International Rectifier IRAMX20UP60A Datasheet HTML 5Page - International Rectifier IRAMX20UP60A Datasheet HTML 6Page - International Rectifier IRAMX20UP60A Datasheet HTML 7Page - International Rectifier IRAMX20UP60A Datasheet HTML 8Page - International Rectifier IRAMX20UP60A Datasheet HTML 9Page - International Rectifier IRAMX20UP60A Datasheet HTML 10Page - International Rectifier IRAMX20UP60A Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRAMX20UP60A
www.irf.com
7
Note 5: The shaded area indicates that both high-side and low-side switches are off and therefore the
half-bridge output voltage would be determined by the direction of current flow in the load.
Figure 2. I
Trip Timing Waveform
Figure1. Input/Output Timing Diagram
T/ITRIP
LIN1,2,3
HIN1,2,3
TFLT-CLR
50%
50%
U,V,W
50%
TT/ITRIP
50%
T/ITRIP
U,V,W
LIN1,2,3
HIN1,2,3


Similar Part No. - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
432Kb / 17P
   Integrated Gate Drivers
IRAMX20UP60A-2 IRF-IRAMX20UP60A-2 Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A_06 Datasheet
612Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A_15 Datasheet
432Kb / 17P
   Integrated Gate Drivers
More results

Similar Description - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
   5A, 600V with Open Emitter Pins
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
logo
Fuji Electric
6MBI20GS-060 FUJI-6MBI20GS-060 Datasheet
429Kb / 4P
   IGBT(600V 20A)
6MBI20L-060 FUJI-6MBI20L-060 Datasheet
127Kb / 4P
   IGBT(600V 20A)
logo
Vincotech
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
   Open Emitter or Emitter Shunt
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
   Open Emitter or Emitter Shunt
logo
SemiHow Co.,Ltd.
HTP20-600 SEMIHOW-HTP20-600 Datasheet
312Kb / 5P
   600V 20A TRIACThe
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
Fuji Electric
6MBI20F-060 FUJI-6MBI20F-060 Datasheet
126Kb / 4P
   IGBT(600V 20A)
logo
Vincotech
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
   Open emitter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com