Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7092-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7092-6
Description  6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7092-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7092-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7092-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7092-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• Bidirectional
• DC to 18 GHz Frequency Range
• Attenuation 6±0.3 dB
• Max Power 2 Watts (CW)
• VSWR < 1.35:1
Applications
• Instrumentation
• Precision measurements
• Prototyping and characterization
• Production systems
.
Description
Pasternack carries a wide range of fixed attenuators with a broad selection of attenuation levels, frequency ranges, and power
dissipation ranges. RF microwave attenuators (also known as RF pads) lower the amplitude of a signal (attenuate) a known
amount and can be used in a wide variety of applications. These attenuator pads are used when a signal needs to be reduced
to protect measurement equipment or other circuitry, to extend the range of power meters and amplifiers, and to impedance
match circuits by reducing the VSWR seen by adjacent components. RF attenuators can prevent signal overload in amplifiers,
receivers and detectors, adjusting the signal level to a range that is optimal.
Few RF components are as commonly used as fixed coaxial attenuators, and Pasternack carries one of the largest in-stock
varieties and ships them same day. The 6 dB Fixed Attenuator PE7092-6 is rated to 2 Watts and operates from DC to 18 GHz.
The versatile coaxial package uses SMA male to SMA female connectors and is also REACH and RoHS compliant.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Nominal Attenuation
6
dB
Attenuation Accuracy
±0.3
dB
VSWR
1.35:1
Input Power, CW
2
Watts
derated linearly to 0.5W at +125°C
Input Power, Peak
250
Watts
5µs
pulse, 0.05% duty cycle
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body Rated to
2 Watts Up to 18 GHz
PE7092-6
PE7092-6 REV 1.1
6 dB Fixed Attenuator, SMA Male to SMA Female Passivated
Stainless Steel Body Rated to 2 Watts Up to 18 GHz
RF Fixed Attenuators Technical Data Sheet
PE7092-6


Similar Part No. - PE7092-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7092-1 PASTERNACK-PE7092-1 Datasheet
238Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-10 PASTERNACK-PE7092-10 Datasheet
238Kb / 3P
   10 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-12 PASTERNACK-PE7092-12 Datasheet
238Kb / 3P
   12 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-15 PASTERNACK-PE7092-15 Datasheet
239Kb / 3P
   15 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7092-2 PASTERNACK-PE7092-2 Datasheet
238Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7092-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7001-6 PASTERNACK-PE7001-6_16 Datasheet
231Kb / 3P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7005-6 PASTERNACK-PE7005-6_16 Datasheet
241Kb / 3P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7087-6 PASTERNACK-PE7087-6 Datasheet
272Kb / 5P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-6 PASTERNACK-PE7045-6_16 Datasheet
230Kb / 3P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7091-6 PASTERNACK-PE7091-6 Datasheet
239Kb / 3P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-6 PASTERNACK-PE7162-6_16 Datasheet
241Kb / 3P
   6 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-9 PASTERNACK-PE7162-9_16 Datasheet
241Kb / 3P
   9 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-1 PASTERNACK-PE7001-1_16 Datasheet
230Kb / 3P
   1 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7001-3 PASTERNACK-PE7001-3_16 Datasheet
231Kb / 3P
   3 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7162-2 PASTERNACK-PE7162-2_16 Datasheet
241Kb / 3P
   2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com