Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IR2110E4 Datasheet(PDF) 3 Page - International Rectifier

Part No. IR2110E4
Description  HIGH AND LOW SIDE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

IR2110E4 Datasheet(HTML) 3 Page - International Rectifier

  IR2110E4 Datasheet HTML 1Page - International Rectifier IR2110E4 Datasheet HTML 2Page - International Rectifier IR2110E4 Datasheet HTML 3Page - International Rectifier IR2110E4 Datasheet HTML 4Page - International Rectifier IR2110E4 Datasheet HTML 5Page - International Rectifier IR2110E4 Datasheet HTML 6Page - International Rectifier IR2110E4 Datasheet HTML 7Page - International Rectifier IR2110E4 Datasheet HTML 8Page - International Rectifier IR2110E4 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IR2110E4
www.irf.com
3
Symbol
Parameter
Min
Typ. Max. Min. Max Units
Test Conditions
VIH
Logic “1” Input Voltage
9.5
10
VDD = 15V
VIL
Logic “0” Input Voltage
6
5.7
VDD = 15V
VOH
High Level Output Voltage, VBIAS - VO
0.7
1.2
1.5
VIN = VIH, IO = 0A
VOL
Low Level Output Voltage, VO
0.1
0.1
VIN = VIL, IO = 0A
ILK
Offset Supply Leakage Current
50
250
VB = VS = 400V
IQBS
Quiescent VBS Supply Current
125
230
500
VIN = VIH or VIL
IQCC
Quiescent VCC Supply Current
180
340
600
VIN = VIH or VIL
IQDD
Quiescent VDD Supply Current
5
30
60
VIN = VIH or VIL
IIN+
Logic “1” Input Bias Current
15
40
70
VIN = 15V
IIN-
Logic “0” Input Bias Current
1
10
VIN = 0V
VBSUV+ VBS Supply Undervoltage Positive
7.5
8.7
9.7
Going Threshold
VBSUV- VBS Supply Undervoltage Negative
7.0
8.3
9.4
Going Threshold
VCCUV+ VCC Supply Undervoltage Positive
7.4
8.6
9.6
Going Threshold
VCCUV- VCC Supply Undervoltage Negative
7.0
8.2
9.4
Going Threshold
IO+
Output High Short Circuit Pulsed
2
VOUT = 0V, VIN = 15V
Current
PW < = 10
IO-
Output Low Short Circuit Pulsed
2
VOUT = 15V, VIN = 0V
Current
PW < = 10
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and
IIN parameters are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD.
The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or
LO.
Tj = 25°C
Tj = -55 to
125°C
V
V
A
µA
µs
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IR2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LM5100High Voltage High Side and Low Side Gate Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
TP2150BDUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1 2 3 4 5 MoreTripath Technology Inc.
IR21313 HIGH SIDE AND 3 LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2112HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc
RIC7113A4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc
IRS2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn