Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP69-16 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BCP69-16
Description  PNP Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCP69-16 Datasheet(HTML) 2 Page - Micro Commercial Components

  BCP69-16 Datasheet HTML 1Page - Micro Commercial Components BCP69-16 Datasheet HTML 2Page - Micro Commercial Components BCP69-16 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
CLASSIFICATION OF hFE(2)
Rank
BCP69-16
BCP
69-25
Range
100-250
1
60-375
www.mccsemi.com
20
17/07/14
Revision:
A
2 of
3
Micro Commercial Components
M C C
R
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-0.1mA,IE=0
-32
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-0.1mA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-25V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
hFE(1)
VCE=-1V, IC=-0.5A
85
375
hFE(2)
VCE=-1V, IC=-1A
60
hFE(3)
VCE=-10V, IC=-5mA
50
DC current gain
hFE(4)
VCE=-1.8V, IC=-10mA
140
230
Collector-emitter saturation voltage
VCE(sat)
IC=-1A,IB=-100mA
-0.5
V
VBE(1)
VCE=-10V, IC=-5mA
-0.68
V
Base-emitter voltage
VBE(2)
VCE=-1V, IC=-1A
-1
V
Transition frequency
fT
VCE=-5V,IC=-10mA, f=100MHz
40
MHz
Collector output capacitance
Cob
VCB=-5V, IE=0, f=1MHz
48
pF


Similar Part No. - BCP69-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69-16 PHILIPS-BCP69-16 Datasheet
45Kb / 8P
   PNP medium power transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCP69-16 SIEMENS-BCP69-16 Datasheet
136Kb / 4P
   PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69-16 INFINEON-BCP69-16 Datasheet
43Kb / 4P
   PNP Silicon AF Transistor
Nov-29-2001
logo
NXP Semiconductors
BCP69-16 NXP-BCP69-16 Datasheet
94Kb / 13P
   20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BCP69-16 NXP-BCP69-16 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
More results

Similar Description - BCP69-16

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51A MCC-MPSW51A Datasheet
374Kb / 3P
   PNP Plastic-Encapsulate Transistors
MCP718 MCC-MCP718 Datasheet
595Kb / 5P
   PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
   PNP Plastic-Encapsulate Transistors
KTA1270-O MCC-KTA1270-O Datasheet
323Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
   PNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com