Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95C200 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT95C200
Description  8-Bit CID Type Phone Controller MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C200 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT95C200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95C200 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
LCD Driver
VLCD
LCD Panel Power Supply
¾¾
¾
35
V
ILCD
LCD Operation Current
¾ VLCD=5V, 32768Hz, no load
¾¾
100
mA
Dialer I/O
IXMO
XMUTE Leakage Current
2.5V XMUTE pin=2.5V
¾¾
1
mA
IOLXM
XMUTE Sink Current
2.5V XMUTE pin=0.5V
1
¾¾
mA
IHKS
HKS Input Current
2.5V HKS pin=2.5V
¾¾
0.1
mA
RHFI
HFI Pull-low Resistance
2.5V VHFI=2.5V
¾
200
¾
k
W
RHDI
HDI Pull-high Resistance
2.5V VHDI=0V
¾
200
¾
k
W
IOH2
HFO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL2
HFO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH3
HDO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL3
HDO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOH4
PO Source Current
2.5V VOH=2V
-1
¾¾
mA
IOL4
PO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
IOL5
DNPO Sink Current
2.5V VOL=0.5V
1
¾¾
mA
DTMF Generator
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
VTOL
DTMF Sink Current
¾ VDTMF=0.5V
0.1
¾¾
mA
VTAC
DTMF Output AC Level
¾ Row group, RL=5kW
120
155
180
mVrms
RL
DTMF Output Load
¾ THD£-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
¾ Row group=0dB
1
2
3
dB
THD
Tone Signal Distortion
¾ RL=5kW¾
-30
-23
dB
FSK Decoder
Input Sensitivity: TIP, RING
¾¾
-40
-45
¾
dBm
Transmission Rate
5V
¾
1188
1200
1212
baud
S/N
Signal to Noise Ratio
¾¾
¾
20
¾
dB
Band-pass Filter
Frequency Response
Relative to 1700Hz @ 0dBm
£60Hz
550Hz
2700Hz
³3300Hz
¾¾
¾
¾
¾
¾
-64
-4
-3
-34
¾
¾
¾
¾
dB
Carrier Detect Sensitivity
¾¾
¾
-48
¾
dBm
tSUPD
Power Up to FSK Signal Set
Up Time
¾¾
15
¾¾
ms
HT95C200/20P/300/30P
Rev. 0.10
7
October 1, 2002
Preliminary


Similar Part No. - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95C200 HOLTEK-HT95C200 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95C200 HOLTEK-HT95C200 Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
More results

Similar Description - HT95C200

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
   I/O Type Phone 8-bit MCU
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
   I/O Type Phone 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com