Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA-32-75 Datasheet(PDF) 4 Page - Mini-Circuits

Part # PGA-32-75
Description  Monolithic Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PGA-32-75 Datasheet(HTML) 4 Page - Mini-Circuits

  PGA-32-75 Datasheet HTML 1Page - Mini-Circuits PGA-32-75 Datasheet HTML 2Page - Mini-Circuits PGA-32-75 Datasheet HTML 3Page - Mini-Circuits PGA-32-75 Datasheet HTML 4Page - Mini-Circuits PGA-32-75 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 4 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PGA-32-75+
Product Marking
P32
Marking may contain other features or characters for internal lot control
Fig 1B. Block Diagram of Test Circuit used for characterization. (DUT soldered on TB-916+)
Gain, Return loss, Output power at 1dB compression (P1 dB) , output IP3 (OIP3), output IP2 (OIP2) and noise figure measured using
Agilent’s N5242A PNA-X microwave network analyzer & E5071C ENA Series Network Analyzer.
Conditions:
1. Gain and Return loss: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 5 dBm/tone at output.
3. Output IP2 (OIP2): Two tones, spaced 1 MHz apart, 5 dBm/tone at output.
Characterization Test Circuit (TB-916+)
Recommended Application Circuit (TB-966+)
Fig 1A. Block Diagram of Test Circuit used for characterization. (DUT soldered on TB-966+)
Gain, Return loss, Output power at 1dB compression (P1 dB) , output IP3 (OIP3), output IP2 (OIP2) and noise figure measured using
Agilent’s N5242A PNA-X microwave network analyzer & E5071C ENA Series Network Analyzer.
Conditions:
1. Gain and Return loss: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 5 dBm/tone at output.
3. Output IP2 (OIP2): Two tones, spaced 1 MHz apart, 5 dBm/tone at output.
TB-966+
RF-IN
RF-OUT
UNMP-5075-33+
Matching Pad
75ohms
50ohms
UNMP-5075-33+
Matching Pad
75ohms
50ohms
TB-916+
RF-OUT
RF-IN
Vdd
UNMP-5075-33+
Matching Pad
75ohms
50ohms
UNMP-5075-33+
Matching Pad
75ohms
50ohms
COMPONENT
P/N
VALUE
SIZE
DUT
PGA-32-75+
SOT-89
C1,C4
GRM155R71C104KA88D
0.1uF
0402
C2
GRM155R71E103KA01D
0.01uF
0402
C3
GRM1555C1H102JA01D
0.001uF
0402
L1
LQH32MN6R8K23L
6800nH
1210
L2
LQW15AN12NH00D
12nH
0402
R1
RK73H1JTTD4R99F
4.99 Ohm
0603
COMPONENT
SUPPLIER P/N
VALUE
SIZE
DUT
PGA-32-75+
SOT-89
C1
GRM32ER7YA106KA12L
10uF
1210
C2
GRM155R71E103KA01D
0.01pF
0402
C3
GRM1555C1H102JA01D
0.001uF
0402
C4
GRM155R71C104KA88D
0.1uF
0402
L1
1008CS-682XJLC
6.8uH
1008
L2
LQW15AN12NH00D
12nH
0402


Similar Part No. - PGA-32-75

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGA-0010 LITTELFUSE-PGA-0010 Datasheet
1Mb / 1P
   Accessory for Arc-Flash Relays , Diode Logic
2014 Rev: 1-A-030314
logo
Mini-Circuits
PGA-102 MINI-PGA-102 Datasheet
311Kb / 5P
   Monolithic Amplifier
PGA-1021 MINI-PGA-1021 Datasheet
326Kb / 5P
   Monolithic Amplifier
PGA-1021++ MINI-PGA-1021+ Datasheet
326Kb / 5P
   Monolithic Amplifier
PGA-103 MINI-PGA-103 Datasheet
355Kb / 5P
   Monolithic Amplifier
More results

Similar Description - PGA-32-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com