Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9140CY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI9140CY
Description  SMP Controller For High Performance Process Power Supplies
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9140CY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI9140CY Datasheet HTML 6Page - Vishay Siliconix SI9140CY Datasheet HTML 7Page - Vishay Siliconix SI9140CY Datasheet HTML 8Page - Vishay Siliconix SI9140CY Datasheet HTML 9Page - Vishay Siliconix SI9140CY Datasheet HTML 10Page - Vishay Siliconix SI9140CY Datasheet HTML 11Page - Vishay Siliconix SI9140CY Datasheet HTML 12Page - Vishay Siliconix SI9140CY Datasheet HTML 13Page - Vishay Siliconix SI9140CY Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Si9140
Vishay Siliconix
S-58034—Rev. G, 15-Mar-99
FaxBack 408-970-5600, request 70026
10
www.siliconix.com
FIGURE 2. 2.5 V @ 8.5 A
FIGURE 3. 3.3 V @ 5 A


Similar Part No. - SI9140CY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140CY VISHAY-SI9140CY Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140CY-T1 VISHAY-SI9140CY-T1 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
SI9140CY-T1-E3 VISHAY-SI9140CY-T1-E3 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
More results

Similar Description - SI9140CY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9140 VISHAY-SI9140_V01 Datasheet
272Kb / 19P
   MP Controller For High Performance Process Power Supplies
01-Jan-2022
SI9140 VISHAY-SI9140_04 Datasheet
238Kb / 19P
   MP Controller For High Performance Process Power Supplies
Rev. H, 19-Apr-04
logo
ON Semiconductor
NCP1910 ONSEMI-NCP1910 Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
December, 2012 ??Rev. 1
NCP1910 ONSEMI-NCP1910_V01 Datasheet
447Kb / 37P
   High Performance Combo Controller for ATX Power Supplies
June, 2014 - Rev. 2
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
ON Semiconductor
NCP1910A65DWR2G ONSEMI-NCP1910A65DWR2G Datasheet
396Kb / 37P
   High Performance Combo Controller for ATX Power
December, 2012 ??Rev. 1
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com