Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9113 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI9113
Description  High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9113 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI9113 Datasheet HTML 1Page - Vishay Siliconix SI9113 Datasheet HTML 2Page - Vishay Siliconix SI9113 Datasheet HTML 3Page - Vishay Siliconix SI9113 Datasheet HTML 4Page - Vishay Siliconix SI9113 Datasheet HTML 5Page - Vishay Siliconix SI9113 Datasheet HTML 6Page - Vishay Siliconix SI9113 Datasheet HTML 7Page - Vishay Siliconix SI9113 Datasheet HTML 8Page - Vishay Siliconix SI9113 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si9113
Vishay Siliconix
New Product
www.siliconix.com
S FaxBack 408-970-5600
4
Document Number: 71093
S-99453—Rev. A . 29-Nov-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
10
1000
300
2000
100
Output Frequency vs. Oscillator Resistance
100
7
8
9
10
11
12
13
–40
–20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
0
50
100
150
200
250
300
8.4
8.5
8.6
8.7
8.8
8.9
9.0
9.1
–50
–25
0
25
50
75
100
14
16
18
20
22
24
9
101112131415
1.298
1.300
1.302
1.304
1.306
–50
–25
0
25
50
75
100
VCC = 14 V
VCC = 10 V
VREF vs. Temperature (VIN = 48 V)
VUVSTART/VUVSTOP vs. Temperature
Output Frequency vs. Supply Voltage
Temperature (
_C)
VCC (V)
FOUT (kHz)
FOSC (kW)
Supply Current vs. Output Frequency
Soft-Start Current vs. Temperature
Temperature (
_C)
VCC = 12 V
VCC = 10 V
Temperature (
_C)
VCC = 14 V
VCC = 12 V
VCC = 10 V
–40
_C
25
_C
85
_C
ROSC = 1 MW
VCC = 10 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn