Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI9113 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI9113
Description  High-Voltage Current Mode PWM Controller for ISDN Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI9113 Datasheet(HTML) 1 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Si9113
Vishay Siliconix
New Product
Document Number: 71093
S-99453—Rev. A . 29-Nov-99
www.siliconix.com
S FaxBack 408-970-5600
1
High-Voltage Current Mode PWM Controller for
ISDN Power Supplies
FEATURES
D BiC/DMOS Technology
D Current Mode Control
D Max 50% Duty Cycle Operation
D 1.3-MHz Error Amp
D Up to 500-kHz Internal Oscillator
D Soft-Start
D 0.6-V Fast Over-Current Protection
D <5-mA Supply Current for +VIN <18 V
D 23.5-V to 200-V Input Voltage Range
D Programmable Start/Stop Capability
D Internal Start-Up Circuit
D Power_Good Output
DESCRIPTION
Si9113 is a current mode PWM controller for ISDN power
supplies. In a 14-pin SOIC package, it provides all necessary
functions to implement a single-switch PWM with a minimum
of external parts. To maximize the circuit integration, the
Si9113 is designed with a 200-V depletion mode MOSFET
capable of powering directly off the high input bus without an
external start-up circuit. The Start and Stop input voltage
thresholds can be programmed within the operating input
voltage range by means of a resistor divider, provided +VIN
(Start) > +VIN (Stop). The internal clock frequency is set with
a single external resistor and is capable of capacitor-coupled
external synchronization.
In order to satisfy the stringent
ambient temperature requirements, the Si9113 is rated to
handle the industrial range of –40
_C to 85_C.
FUNCTIONAL BLOCK DIAGRAM
Start-Up
Stop/Start
Power_Good
VREF = 1.3 V
Drive
Current
Comparator
Fast
Current
Limit
Comparator
VIN (23.5 V to 200 V)
VOUT
For Detailed Block Diagram See Page 7
.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn