Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FM24C128 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FM24C128
Description  128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C128 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FM24C128 Datasheet HTML 1Page - Fairchild Semiconductor FM24C128 Datasheet HTML 2Page - Fairchild Semiconductor FM24C128 Datasheet HTML 3Page - Fairchild Semiconductor FM24C128 Datasheet HTML 4Page - Fairchild Semiconductor FM24C128 Datasheet HTML 5Page - Fairchild Semiconductor FM24C128 Datasheet HTML 6Page - Fairchild Semiconductor FM24C128 Datasheet HTML 7Page - Fairchild Semiconductor FM24C128 Datasheet HTML 8Page - Fairchild Semiconductor FM24C128 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FM24C128 Rev. B.1
Ordering Information
FM
24
C
XX
F
LZ
E
YY
X
Letter
Description
Blank
Tube
X
Tape and Reel
Package
N
8-pin DIP
MW8
8-pin SOIC
MT8
8-pin TSSOP
Temp. Range
Blank
0 to 70
°C
E
-40 to +85
°C
V
-40 to +125
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.5V to 5.5V
LZ
2.5V to 5.5V and
<1
µA Standby Current
SCL Clock Frequency
Blank
100KHz
F
400KHz
Density
128
128K with write protect
C
CMOS
Interface
24
IIC - 2 Wire
FM
Fairchild Non-Volatile
Memory


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn