Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7840DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7840DP
Description  N-Channel 30-V (D-S) Fast Switching MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7840DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7840DP Datasheet HTML 1Page - Vishay Siliconix SI7840DP Datasheet HTML 2Page - Vishay Siliconix SI7840DP Datasheet HTML 3Page - Vishay Siliconix SI7840DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKt
Package with Low 1.07-mm Profile
APPLICATIONS
D DC/DC Converters
D Optimized for “High-Side” Synchronous
Rectifier Operation
Si7840DP
Vishay Siliconix
New Product
Document Number: 71624
S-05804—Rev. C, 25-Feb-02
www.vishay.com
1
N-Channel 30-V (D-S) Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.0095 @ VGS = 10 V
18
30
0.014 @ VGS = 4.5 V
15
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK
t SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
V
_
TA = 25_C
18
11
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
14
8
Pulsed Drain Current
IDM
40
A
Continuous Source Current (Diode Conduction)a
IS
4.1
1.6
Avalanche Current
IAS
40
Avalanche Energy
L = 0.1 mH
EAS
80
mJ
TA = 25_C
5.0
1.9
Maximum Power Dissipationa
TA = 70_C
PD
3.2
1.2
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
20
25
Maximum Junction-to-Ambienta
Steady State
RthJA
52
65
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.1
2.6
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI7840DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
92Kb / 1P
   Si7840BDP vs. Si7840DP Specification Comparison
04-Dec-04
More results

Similar Description - SI7840DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com