Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7806DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7806DN
Description  N-Channel 30-V (D-S) Fast Switching MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7806DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7806DN Datasheet HTML 1Page - Vishay Siliconix SI7806DN Datasheet HTML 2Page - Vishay Siliconix SI7806DN Datasheet HTML 3Page - Vishay Siliconix SI7806DN Datasheet HTML 4Page - Vishay Siliconix SI7806DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si7806DN
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71869
S-20805—Rev. A, 17-Jun-02
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 24 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 24 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
40
A
a
VGS = 10 V, ID = 14.4 A
0.009
0.011
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 12.6 A
0.0145
0.0175
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 14.4 A
34
S
Diode Forward Voltagea
VSD
IS = 3.2 A, VGS = 0 V
0.77
1.2
V
Dynamicb
Qg
VDS = 15 V, VGS = 4.5 V, ID = 14.4 A
8.5
11
Total Gate Charge
Qgt
19
24
Gate-Source Charge
Qgs
VDS = 15 V, VGS = 10 V, ID = 14.4 A
3.6
nC
Gate-Drain Charge
Qgd
DS
GS
D
3.0
Gate-Resistance
Rg
2
W
Turn-On Delay Time
td(on)
8
15
Rise Time
tr
VDD = 15 V, RL = 15 W
12
20
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
25
40
ns
Fall Time
tf
10
20
Source-Drain Reverse Recovery Time
trr
IF = 3.2 A, di/dt = 100 A/ms
35
70
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10 thru 4 V
25
_C
TC = 125_C
–55
_C
3 V
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)


Similar Part No. - SI7806DN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SI7806 SECOS-SI7806 Datasheet
494Kb / 6P
   3-Terminal Positive Voltage Regulator
logo
Vishay Siliconix
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
Rev. D, 29-Dec-08
SI7806ADN VISHAY-SI7806ADN Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806ADN VISHAY-SI7806ADN_V01 Datasheet
533Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7806BDN VISHAY-SI7806BDN Datasheet
107Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 08-May-06
More results

Similar Description - SI7806DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com