Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1388Z-5 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1388Z-5
Description  I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1388Z-5 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1388Z-5 Datasheet HTML 5Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 6Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 7Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 8Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 9Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 10Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 11Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 12Page - Maxim Integrated Products DS1388Z-5 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
I2C RTC/Supervisor with Trickle Charger
and 512 Bytes EEPROM
_____________________________________________________________________
9
Detailed Description
The DS1388 I2C RTC, supervisor, and EEPROM is a
multifunction device that provides a clock/calendar,
programmable watchdog timer, power-supply monitor
with reset, and 512 bytes of EEPROM. The clock pro-
vides hundredths of seconds, seconds, minutes, and
hours, and operates in 24-hour or 12-hour format with
an AM/PM indicator. The calendar provides day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. A
watchdog timer provides a reset for an unresponsive
microprocessor. It is programmable in 10ms intervals
from 0.01 to 99.99 seconds. A temperature-compensat-
ed voltage reference and comparator circuit monitors
the status of VCC. If a primary power failure is detected,
the device automatically switches to the backup supply
and drives the reset output to the active state. When
VCC returns to nominal levels, the reset is held low for a
period to allow the power supply and processor to sta-
bilize. The device also has a pushbutton reset con-
troller, which debounces a reset input signal. The
device is accessed through an I2C serial interface.
Operation
The DS1388 operates as a slave device on the I2C bus.
Access is obtained by implementing a START condition
and providing a device identification code followed by
data. Subsequent registers can be accessed sequen-
tially until a STOP condition is executed. See the Block
Diagram, which shows the main elements of the serial
real-time clock.
Power Control
The power-control function is provided by a precise,
temperature-compensated voltage reference and a
comparator circuit that monitors the VCC level. The
device is fully accessible and data can be written and
read when VCC is greater than VPF. However, when
VCC falls below VPF, the internal clock registers are
blocked from any access. If VPF is less than VBACKUP,
the device power is switched from VCC to VBACKUP
when VCC drops below VPF. If VPF is greater than
VBACKUP, the device power is switched from VCC to
VBACKUP when VCC drops below VBACKUP. The regis-
ters are maintained from the VBACKUP source until VCC
is returned to nominal levels (Table 1). After VCC
returns above VPF, read and write access is allowed
after RST goes high (Figure 1).
Oscillator Circuit
The DS1388 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 2 specifies several
crystal parameters for the external crystal, and Figure 3
shows a functional schematic of the oscillator circuit.
Using a crystal with the specified characteristics, the
startup time is usually less than one second.
SUPPLY CONDITION
READ/WRITE
ACCESS
POWERED
BY
VCC < VPF, VCC < VBACKPUP
No
VBACKUP
VCC < VPF, VCC > VBACKUP
No
VCC
VCC > VPF, VCC < VBACKUP
Yes
VCC
VCC > VPF, VCC > VBACKUP
Yes
VCC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal
Frequency
fO
32.768
kHz
Series
Resistance
ESR
50
k
Load
Capacitance
CL
6pF
*The crystal, traces, and crystal input pins should be isolated
from RF generating signals. Refer to Application Note 58:
Crystal Considerations for Dallas Real-Time Clocks for addi-
tional specifications.
Table 1. Power Control
Table 2. Crystal Specifications*


Similar Part No. - DS1388Z-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388Z-5++ MAXIM-DS1388Z-5+ Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
More results

Similar Description - DS1388Z-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com