Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI7463DP Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. SI7463DP
Description  P-Channel 40-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

SI7463DP Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7463DP
Vishay Siliconix
Document Number: 72440
S-32411—Rev. B, 24-Nov-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
VSD − Source-to-Drain Voltage (V)
0.00
0.01
0.02
0.03
0.04
0
2468
10
VGS − Gate-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0
102030
405060
0
2
4
6
8
10
0
25
50
75
100
125
0.6
0.8
1.0
1.2
1.4
1.6
−50
−25
0
25
50
75
100
125
150
0
1000
2000
3000
4000
5000
6000
7000
8000
0
8
16
24
32
40
Crss
Coss
Ciss
VDS = 15 V
ID = 18.6 A
VGS = 10 V
ID = 18.6 A
VGS = 10 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
TJ = 150_C
TJ = 25_C
ID = 18.6 A
100
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VGS = 4.5 V
ID = 5 A


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SI2319DSP-Channel 40-V D-S MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401BDYP-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-13LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn