Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1024S-15RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA1024S-15RU
Description  4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1024S-15RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA1024S-15RU Datasheet HTML 1Page - MicroPower Direct, LLC MA1024S-15RU Datasheet HTML 2Page - MicroPower Direct, LLC MA1024S-15RU Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.micropowerdirect.com
Page 2
We Power Your Success - For Less
Model Selection Guide
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V
output models is ±1.0% max for a load change of 0% to 100%.
3. When measuring cross regulation, the load on one output is varied from 25% to 100%
while the other output is held at 100%.
4. Output ripple is measured with a 1.0 µF capacitor connected from the +VOUT to the -VOUT pins
for single output units and from each output to common for dual output models. See the typical
connection diagram & notes on page 3.
5. Transient recovery is measured to within a 1% error band for a load step change of 75% to 50%
to 25%.
6. Operation at no-load will not damage these units. However, they may not meet all
specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Temperature Derating Curve
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA1024S-03RU
24
9.0 - 36.0
440
15
3.3
2,700
0.0
3.9
1,330
85
3,000
MA1024S-05RU
24
9.0 - 36.0
480
15
5.0
2,000
0.0
6.2
1,330
87
3,000
MA1024S-12RU
24
9.0 - 36.0
475
15
12.0
833
0.0
15.0
288
88
3,000
MA1024S-15RU
24
9.0 - 36.0
475
15
15.0
667
0.0
18.0
200
88
3,000
MA1024D-05RU
24
9.0 - 36.0
495
15
±5.0
±1,000
±0.0
±15.0
900
85
3,000
MA1024D-12RU
24
9.0 - 36.0
480
15
±12.0
±417
±0.0
±15.0
133
87
3,000
MA1024D-15RU
24
9.0 - 36.0
480
15
±15.0
±330
±0.0
±18.0
90
87
3,000
MA1048S-03RU
48
18.0 - 75.0
225
15
3.3
2,700
0.0
3.9
1,330
84
1,500
MA1048S-05RU
48
18.0 - 75.0
240
15
5.0
2,000
0.0
6.2
1,330
87
1,500
MA1048S-12RU
48
18.0 - 75.0
240
15
12.0
833
0.0
15.0
288
87
1,500
MA1048S-15RU
48
18.0 - 75.0
240
15
15.0
667
0.0
18.0
200
87
1,500
MA1048D-05RU
48
18.0 - 75.0
250
15
±5.0
±1,000
±0.0
±15.0
900
85
1,500
MA1048D-12RU
48
18.0 - 75.0
240
15
±12.0
±417
±0.0
±15.0
133
88
1,500
MA1048D-15RU
48
18.0 - 75.0
240
15
±15.0
±330
±0.0
±18.0
90
88
1,500
Typical Connection
EMI Characteristics
Parameter
Standard
Criteria/Level
Radiated Emissions
EN 55032
Class A
Conducted Emissions
EN 55032
Class A
ESD
EN 61000-4-2
A
RS
EN 61000-4-3
A
EFT
EN 61000-4-4
A
Surge
EN 61000-4-5
A
CS
EN 61000-4-6
A
PFM
EN 61000-4-8
A
To help meet conducted emissions requirements, the filter components (C2, C3 & L1) in the
diagram above should be used. The recommended values are 2.2 µF/100V for C2 & C3 and
12 µH for L1. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 & EN 61000-4-5, an external filter capacitor
(C1 in the diagram above) is required. The recommended value for C1 is 330 µF/100V.
When measuring output ripple, it is recommended that an external 1.0 µF ceramic capaci-
tor be placed from the +VOUT pin to the -VOUT pin for single output units and from each
output to common for dual output units. For noise sensitive applications, the use of 3.3 µF
capacitors will reduce the output ripple.
The Remote On/Off circuit is referenced to the minus input of the unit (pins 2 & 3). If the
On/Off input (pin 1) is connected to the minus input, the unit is shut off. If pin 1 is left
open, the unit operates normally.


Similar Part No. - MA1024S-15RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA1024S02RW MPD-MA1024S02RW Datasheet
244Kb / 2P
   MA1000RW SERIES
MA1024S03RW MPD-MA1024S03RW Datasheet
244Kb / 2P
   MA1000RW SERIES
MA1024S05RW MPD-MA1024S05RW Datasheet
244Kb / 2P
   MA1000RW SERIES
MA1024S12RW MPD-MA1024S12RW Datasheet
244Kb / 2P
   MA1000RW SERIES
MA1024S15RW MPD-MA1024S15RW Datasheet
244Kb / 2P
   MA1000RW SERIES
More results

Similar Description - MA1024S-15RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
   4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
   4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA800RU MPD-MA800RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA1200RU MPD-MA1200RU Datasheet
422Kb / 3P
   4:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
   2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
   2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MD900XRU MPD-MD900XRU Datasheet
895Kb / 4P
   4:1 Input, 9W SIP, Single & Dual Output DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
   4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MF3000ERW MPD-MF3000ERW Datasheet
840Kb / 4P
   Wide 4:1 Input, 30W Single & Dual Output DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com