Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C3201VS Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C3201VS
Description  3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C3201VS Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90C3201VS Datasheet HTML 1Page - National Semiconductor (TI) DS90C3201VS Datasheet HTML 2Page - National Semiconductor (TI) DS90C3201VS Datasheet HTML 3Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Application Diagram
20147202
FIGURE 2. LCD Panel Application Diagram
Functional Description
The DS90C3201 and DS90C3202 are a dual 10-bit color
Transmitter and Receiver FPD-Link chipset designed to
transmit data at clocks speeds from 8 to 135 MHz.
DS90C3201 and DS90C3202 are designed to interface be-
tween the digital video processor and the display using a
LVDS interface. The DS90C3201 transmitter serializes 2
channels of video data (10-bit each for RGB for each chan-
nel, totaling 60 bits) and control signals (HSYNC, VSYNC,
DE and two user-defined signals) along with clock signal to
10 channels of LVDS signals and transmits them. The
DS90C3202 receiver converts 10 channels of LVDS signals
into parallel signals and outputs 2 channels of video data
(10-bit each for RGB for each channel, totaling 60 bits) and
control signals (HSYNC, VSYNC, DE and two user-defined
signals) along with clock signal. The dual high speed LVDS
channels supports single pixel in-single pixel out and dual
pixel in-dual pixel out transmission modes. The FPD-Link
chipset is suitable for a variety of display applications includ-
ing LCD Monitors, LCD TV, Digital TV, and DLP TV, and
Plasma Display Panels.
Using a true 10-bit color depth system, the 30-bit RGB color
produces over 1.07 billion colors to represent High Definition
(HD) displays in their most natural color, surpassing the
maximum 16.7 million colors achieved by 6/8-bit color con-
ventionally used for large-scale LCD televisions and LCD
monitors.
LVDS TRANSMITTER
The LVDS Transmitter serializes LVCMOS/LVTTL RGB
video data and control signal timing into LVDS data streams.
SINGLE PIXEL AND DUAL PIXEL INTERFACE
The DS90C3201 LVDS ports support two modes: Single
Pixel mode (30-bit LVDS output) and Dual Pixel mode (2 x
30-bit LVDS output). For Single Pixel mode, LVDS ports
DOX[A-E] for 10-bit RGB data are utilized. For the Dual Pixel
mode, both DOX[A-E] and DOY[A-E] LVDS ports for odd and
even 10-bit RGB data are utilized.
SELECTABLE INPUT DATA STROBE
The Transmitter input data edge strobe can be latched on
the rising or falling edges of input clock signal. The dedicated
RFB pin is used to program input strobe select on the rising
edge of TXCLK or the falling edge of TXCLK.
2-WIRE SERIAL COMMUNICATION INTERFACE
Optional I2C programming allows fine tuning in development
and production environments. The I2C interface provides
several capabilities to reduce EMI and to customize output
timing. These capabilities are selectable/programmable via
I2C: Programmable LVDS Swing Control, Adjustable Input
Setup/Hold Control, Input/Output Channel Control.
PROGRAMMABLE LVDS SWING CONTROL
Programmable LVDS amplitude (VOD) and LVDS offset volt-
age (VOS) of the differential signals can be adjusted for
better impedance matching for noise and EMI reduction. The
low level LVDS swing mode and offset voltage can be con-
trolled via I2C.
ADJUSTABLE INPUT SETUP/HOLD CONTROL
Programmable LVCMOS/LVTTL Data Input Setup and Hold
Times can be adjusted with respect to TXCLK for convenient
interface with a variety of graphic controllers and video pro-
cessors. Feature is controlled via I2C.
INPUT/OUTPUT CHANNEL CONTROL
Full independent control for input/output channels can be
disabled to minimize power supply line noise and overall
power dissipation. Feature is configured via I2C.
www.national.com
2


Similar Part No. - DS90C3201VS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C3201VS NSC-DS90C3201VS Datasheet
908Kb / 20P
   3.3V 8 MHz to 135MHz Dual FPD-LIink Transmitter
logo
Texas Instruments
DS90C3201VS/NOPB TI1-DS90C3201VS/NOPB Datasheet
353Kb / 22P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
More results

Similar Description - DS90C3201VS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C3201 TI1-DS90C3201_15 Datasheet
353Kb / 22P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
DS90C3201 TI1-DS90C3201_14 Datasheet
354Kb / 23P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Transmitter
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3201 NSC-DS90C3201_06 Datasheet
908Kb / 20P
   3.3V 8 MHz to 135MHz Dual FPD-LIink Transmitter
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383 TI1-DS90CF383_11 Datasheet
262Kb / 11P
[Old version datasheet]   3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com