Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4249-U Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4249-U
Description  High Power Infrared Emitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4249-U Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4249-U Datasheet HTML 2Page - OSRAM GmbH SFH4249-U Datasheet HTML 3Page - OSRAM GmbH SFH4249-U Datasheet HTML 4Page - OSRAM GmbH SFH4249-U Datasheet HTML 5Page - OSRAM GmbH SFH4249-U Datasheet HTML 6Page - OSRAM GmbH SFH4249-U Datasheet HTML 7Page - OSRAM GmbH SFH4249-U Datasheet HTML 8Page - OSRAM GmbH SFH4249-U Datasheet HTML 9Page - OSRAM GmbH SFH4249-U Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2016-09-22
6
Version 1.4/ OS-IN-2015-033
SFH 4249
Pinning
Pin
Description
1
Cathode
2
Anode
3
Anode
4
Anode
Package
Power TOPLED with Lens
Approximate Weight:
37 mg
Recommended Solder Pad
Dimensions in mm.


Similar Part No. - SFH4249-U

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4240 OSRAM-SFH4240 Datasheet
157Kb / 10P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4240 OSRAM-SFH4240 Datasheet
454Kb / 13P
   High Power Infrared Emitter
SFH4240 OSRAM-SFH4240_16 Datasheet
454Kb / 13P
   High Power Infrared Emitter
SFH4243 OSRAM-SFH4243 Datasheet
154Kb / 10P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4243 OSRAM-SFH4243 Datasheet
420Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH4249-U

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
   High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
   High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
   High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
   High Power Infrared Emitter
logo
OSRAM GmbH
SFH4257 OSRAM-SFH4257_17 Datasheet
432Kb / 13P
   High Power Infrared Emitter
SFH4259 OSRAM-SFH4259 Datasheet
449Kb / 13P
   High Power Infrared Emitter
SFH4278S OSRAM-SFH4278S Datasheet
430Kb / 13P
   High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
   High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com