Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4055 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH4055
Description  Miniature photointerrupters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4055 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH4055 Datasheet HTML 5Page - OSRAM GmbH SFH4055 Datasheet HTML 6Page - OSRAM GmbH SFH4055 Datasheet HTML 7Page - OSRAM GmbH SFH4055 Datasheet HTML 8Page - OSRAM GmbH SFH4055 Datasheet HTML 9Page - OSRAM GmbH SFH4055 Datasheet HTML 10Page - OSRAM GmbH SFH4055 Datasheet HTML 11Page - OSRAM GmbH SFH4055 Datasheet HTML 12Page - OSRAM GmbH SFH4055 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2018-01-26
10
Version 1.2
SFH 4055
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
200 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Similar Part No. - SFH4055

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
130Kb / 7P
   GaAs-IR-Lumineszenzdiode
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
   High Power Infrared Emitter (850 nm)
SFH4050 OSRAM-SFH4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH4055

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPX80 OSRAM-BPX80_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX83 OSRAM-BPX83_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX86 OSRAM-BPX86_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX88 OSRAM-BPX88_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX87 OSRAM-BPX87_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX85 OSRAM-BPX85_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
BPX82 OSRAM-BPX82_16 Datasheet
331Kb / 11P
   Miniature photointerrupters
logo
KODENSHI_AUK CORP.
SG222V2 KODENSHI-SG222V2 Datasheet
124Kb / 2P
   Photointerrupters
logo
OSRAM GmbH
SFH300 OSRAM-SFH300 Datasheet
444Kb / 9P
   Photointerrupters
logo
Gilway Technical Lamp
EA31 GILWAY-EA31 Datasheet
428Kb / 1P
   Photointerrupters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com