Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48630UC35X Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAN48630UC35X
Description  Synchronous TinyBoost Regulator with Bypass Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN48630UC35X Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAN48630UC35X Datasheet HTML 6Page - ON Semiconductor FAN48630UC35X Datasheet HTML 7Page - ON Semiconductor FAN48630UC35X Datasheet HTML 8Page - ON Semiconductor FAN48630UC35X Datasheet HTML 9Page - ON Semiconductor FAN48630UC35X Datasheet HTML 10Page - ON Semiconductor FAN48630UC35X Datasheet HTML 11Page - ON Semiconductor FAN48630UC35X Datasheet HTML 12Page - ON Semiconductor FAN48630UC35X Datasheet HTML 13Page - ON Semiconductor FAN48630UC35X Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48630
• Rev. 1.13
9
Typical Characteristics (Continued)
Unless otherwise specified, VIN = 3.6 V; VOUT = 5 V, and TA = 25°C; circuit and components according to Figure 1.
Figure 17. Startup, 50 Ω Load
Figure 18. Startup, 50
 Load, V
IN=2.5 V, VOUT=3.5 V
Figure 19. Overload Protection
Figure 20. Load Transient, 100-500 mA, 100 ns Edge
Figure 21. Load Transient, 500-1250 mA, 100 ns Edge
Figure 22. Load Transient, 100-500 mA, 100 ns Edge,
VIN=3 V, VOUT=3.5 V


Similar Part No. - FAN48630UC35X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48630UC35X FAIRCHILD-FAN48630UC35X Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
More results

Similar Description - FAN48630UC35X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com