Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48619UC50X Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN48619UC50X
Description  Fixed-Output Synchronous TinyBoost Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN48619UC50X Datasheet(HTML) 4 Page - ON Semiconductor

  FAN48619UC50X Datasheet HTML 1Page - ON Semiconductor FAN48619UC50X Datasheet HTML 2Page - ON Semiconductor FAN48619UC50X Datasheet HTML 3Page - ON Semiconductor FAN48619UC50X Datasheet HTML 4Page - ON Semiconductor FAN48619UC50X Datasheet HTML 5Page - ON Semiconductor FAN48619UC50X Datasheet HTML 6Page - ON Semiconductor FAN48619UC50X Datasheet HTML 7Page - ON Semiconductor FAN48619UC50X Datasheet HTML 8Page - ON Semiconductor FAN48619UC50X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48619 • Rev. 1.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable
above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition,
extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Voltage on VIN Pin
-0.3
6.0
V
VOUT
Voltage on VOUT Pin
6.0
V
VSW
SW Node
DC
-0.3
6.0
V
Transient: 10 ns, 3 MHz
-1.0
8.0
VCC
Voltage on Other Pins
-0.3
6.0
(2)
V
ESD
Electrostatic Discharge Protection Level
Human Body Model, ANSI/ESDA/JEDEC
JS-001-2012
2.0
kV
Charged Device Model per JESD22-C101
1.0
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
2.
Lesser of 6.0 V or VIN + 0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend
exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VIN
Supply Voltage
2.7
4.5
V
IOUT
Maximum Output Current
1000
mA
TA
Ambient Temperature
-40
+85
°C
TJ
Junction Temperature
-40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-layer
2s2p boards with vias in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed junction
temperature, TJ(max), at a given ambient temperature, TA.
Symbol
Parameter
Typical
Unit
ϴJA
Junction-to-Ambient Thermal Resistance
101
°C/W


Similar Part No. - FAN48619UC50X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC33X ONSEMI-FAN48610BUC33X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC45X ONSEMI-FAN48610BUC45X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610BUC50X FAIRCHILD-FAN48610BUC50X Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
More results

Similar Description - FAN48619UC50X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
FAN4860 FAIRCHILD-FAN4860 Datasheet
814Kb / 15P
   3MHz, 5V Output Synchronous TinyBoost??Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com