Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48617 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAN48617
Description  Fixed-Output Synchronous TinyBoost Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN48617 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAN48617 Datasheet HTML 3Page - ON Semiconductor FAN48617 Datasheet HTML 4Page - ON Semiconductor FAN48617 Datasheet HTML 5Page - ON Semiconductor FAN48617 Datasheet HTML 6Page - ON Semiconductor FAN48617 Datasheet HTML 7Page - ON Semiconductor FAN48617 Datasheet HTML 8Page - ON Semiconductor FAN48617 Datasheet HTML 9Page - ON Semiconductor FAN48617 Datasheet HTML 10Page - ON Semiconductor FAN48617 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48617 • Rev. 1.0
8
Application Information
Output Capacitance (COUT)
The effective capacitance (CEFF
(6)) of small, high-value
ceramic capacitors decreases as their bias voltage
increases, as illustrated in the graph below:
Figure 18. CEFF for 10 F, 0402, X5R, 6.3 V-Rated
Capacitor (TDK C1005X5R0J106M050BC)
FAN48617 is guaranteed for stable operation with the
minimum value of CEFF (CEFF(MIN)) outlined in Table 4.
Table 4.
Minimum CEFF Required for Stability
Operating Conditions
CEFF(MIN)
(
F)
VOUT (V)
VIN (V)
ILOAD (mA)
5.0
2.7 to 4.5
0 to 500
4.2
5.0
2.7 to 4.5
0 to 1000
6.3
Note:
6.
CEFF varies by manufacturer, capacitor material,
and case size.
Layout Recommendations
The layout recommendations below highlight various
top-copper pours by using different colors.
To minimize spikes at VOUT, COUT must be placed as
close as possible to PGND and VOUT, as shown in
Figure 19.
For best thermal performance, maximize the pour area
for all planes other than SW. The ground pour,
especially, should fill all available PCB surface area and
be tied to internal layers with a cluster of thermal vias.
Figure 19.
Layout Recommendation
The table below pertains to MOD drawing on the following page.
Product-Specific Package Dimensions
Product
D
E
X
Y
FAN48617UC50X
1.215 ±0.030 mm
1.215 ±0.030 mm
0.2075 mm
0.2075 mm


Similar Part No. - FAN48617

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC33X ONSEMI-FAN48610BUC33X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC45X ONSEMI-FAN48610BUC45X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610BUC50X FAIRCHILD-FAN48610BUC50X Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
More results

Similar Description - FAN48617

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
FAN4860 FAIRCHILD-FAN4860 Datasheet
814Kb / 15P
   3MHz, 5V Output Synchronous TinyBoost??Regulator
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com