Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4860UC33X Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAN4860UC33X
Description  3 MHz, Synchronous TinyBoost Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4860UC33X Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAN4860UC33X Datasheet HTML 7Page - ON Semiconductor FAN4860UC33X Datasheet HTML 8Page - ON Semiconductor FAN4860UC33X Datasheet HTML 9Page - ON Semiconductor FAN4860UC33X Datasheet HTML 10Page - ON Semiconductor FAN4860UC33X Datasheet HTML 11Page - ON Semiconductor FAN4860UC33X Datasheet HTML 12Page - ON Semiconductor FAN4860UC33X Datasheet HTML 13Page - ON Semiconductor FAN4860UC33X Datasheet HTML 14Page - ON Semiconductor FAN4860UC33X Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.1.1
10
5.0 VOUT Typical Characteristics
Unless otherwise specified; circuit per Figure 1, 3.6 VIN, and TA=25°C.
Figure 30. Startup, No Load
Figure 31. Startup, 33
 Load
Figure 32. Shutdown, 1 k
 Load
Figure 33. Shutdown, 33
 Load
Figure 34. Overload Protection
Figure 35. Short-Circuit Response


Similar Part No. - FAN4860UC33X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4860UC5X FAIRCHILD-FAN4860UC5X Datasheet
814Kb / 15P
   3MHz, 5V Output Synchronous TinyBoost??Regulator
More results

Similar Description - FAN4860UC33X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com