Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN48611 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN48611
Description  2.5 MHz, Fixed-Output, Synchronous Tiny Boost Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN48611 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN48611 Datasheet HTML 1Page - ON Semiconductor FAN48611 Datasheet HTML 2Page - ON Semiconductor FAN48611 Datasheet HTML 3Page - ON Semiconductor FAN48611 Datasheet HTML 4Page - ON Semiconductor FAN48611 Datasheet HTML 5Page - ON Semiconductor FAN48611 Datasheet HTML 6Page - ON Semiconductor FAN48611 Datasheet HTML 7Page - ON Semiconductor FAN48611 Datasheet HTML 8Page - ON Semiconductor FAN48611 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2013 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FAN48611
• Rev. 1.2
3
www.onsemi.com
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Voltage on VIN Pin
-0.3
6.0
V
VOUT
Voltage on VOUT Pin
6.0
V
VSW
Voltage on SW Node
DC
-0.3
6.0
V
Transient: 10 ns, 3 MHz
-1.0
8.0
VCC
Voltage on Other Pins
-0.3
6.0(2)
V
ESD
Electrostatic Discharge Protection Level
Human Body Model,
ANSI/ESDA/JEDEC JS-001-2012
2
kV
Charged Device Model per
JESD22-C101
2
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Note:
2.
Lesser of 6.0 V or VIN + 0.3 V.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. ON Semiconductor
does not recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Max.
Unit
VIN
Supply Voltage
2.7
4.8
V
IOUT
Maximum Output Current
350
mA
TA
Ambient Temperature
-40
+85
°C
TJ
Junction Temperature
-40
+125
°C
Thermal Properties
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with four-
layer 2s2p boards with vias in accordance to JEDEC standard JESD51. Special attention must be paid not to exceed
junction temperature, TJ(max), at a given ambient temperature, TA.
Symbol
Parameter
Typical
Unit
ϴJA
Junction-to-Ambient Thermal Resistance
50
°C/W


Similar Part No. - FAN48611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC33X ONSEMI-FAN48610BUC33X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48610BUC45X ONSEMI-FAN48610BUC45X Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610BUC50X FAIRCHILD-FAN48610BUC50X Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
More results

Similar Description - FAN48611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN53741 ONSEMI-FAN53741 Datasheet
407Kb / 18P
   Synchronous Buck Regulator, 2.5 MHz
April, 2021 ??Rev. 4
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
   Synchronous Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com