Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4860UC5X Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN4860UC5X
Description  3 MHz, Synchronous TinyBoost Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN4860UC5X Datasheet(HTML) 5 Page - ON Semiconductor

  FAN4860UC5X Datasheet HTML 1Page - ON Semiconductor FAN4860UC5X Datasheet HTML 2Page - ON Semiconductor FAN4860UC5X Datasheet HTML 3Page - ON Semiconductor FAN4860UC5X Datasheet HTML 4Page - ON Semiconductor FAN4860UC5X Datasheet HTML 5Page - ON Semiconductor FAN4860UC5X Datasheet HTML 6Page - ON Semiconductor FAN4860UC5X Datasheet HTML 7Page - ON Semiconductor FAN4860UC5X Datasheet HTML 8Page - ON Semiconductor FAN4860UC5X Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4860 • Rev. 1.1.1
4
Electrical Specifications
Minimum and maximum values are at VIN=VEN=2.3 V to 4.5 V (2.5 to 3.2 VIN for 3.3 VOUT option), TA=-40°C to +85°C;
circuit of Figure 1, unless otherwise noted. Typical values are at TA=25°C, VIN=VEN=3.6 V for VOUT=5.0 V / 5.4 V, and
VIN=VEN=2.7 V for VOUT=3.3 V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IIN
VIN Input Current
5.4 VOUT
Quiescent: VIN=3.6 V, IOUT=0, EN=VIN
37
45
A
Shutdown: EN=0, VIN=3.6 V
0.5
1.5
5.0 VOUT
Quiescent: VIN=3.6 V, IOUT=0, EN=VIN
37
45
Shutdown: EN=0, VIN=3.6 V
0.5
1.5
3.3 VOUT
Quiescent: VIN=2.7 V, IOUT=0, EN=VIN
50
65
Shutdown: EN=0, VIN=2.7 V
0.5
1.5
ILK_OUT
VOUT Leakage Current
VOUT=0, EN=0, VIN≥3 V
10
nA
ILK_RVSR VOUT to VIN Reverse Leakage
VOUT=5.4 V, VIN=3.6 V, EN=0
2.5
A
VOUT=5.0 V, VIN=3.6 V, EN=0
VOUT=3.3 V, VIN=3.0 V, EN=0
VUVLO
Under-Voltage Lockout
VIN Rising
2.2
2.3
V
VUVLO_HY
S
Under-Voltage Lockout Hysteresis
190
mV
VENH
Enable HIGH Voltage
1.05
V
VENL
Enable LOW Voltage
0.4
V
ILK_EN
Enable Input Leakage Current
0.01
1.00
A
VOUT
Output Voltage
Accuracy
(1)
5.4 VOUT
VIN from 2.3 V to 4.5 V, IOUT≤200 mA
5.15
5.40
5.50
V
VIN from 2.7 V to 4.5 V, IOUT≤200 mA
5.20
5.40
5.50
VIN from 3.3 V to 4.5 V, IOUT≤300 mA
5.15
5.40
5.50
5.0 VOUT
VIN from 2.3 V to 4.5 V, IOUT≤200 mA
4.80
5.05
5.15
VIN from 2.7 V to 4.5 V, IOUT≤200 mA
4.85
5.05
5.15
VIN from 3.3 V to 4.5 V, IOUT≤300 mA
4.85
5.05
5.15
3.3 VOUT
VIN from 2.5 V to 3.2 V, IOUT≤200 mA
3.17
3.33
3.41
VREF
Reference Accuracy
Referred to VOUT=5.4 V
5.325
5.400
5.475
V
Referred to VOUT=5.0 V
4.975
5.050
5.125
Referred to VOUT=3.3 V
3.280
3.330
3.380
tOFF
Off Time
VIN=3.6 V, VOUT=5.4 V, IOUT=200 mA
185
230
255
ns
VIN=3.6 V, VOUT=5.0 V, IOUT=200 mA
195
240
265
VIN=2.7 V, VOUT=3.3 V, IOUT=200 mA
240
290
350
IOUT
Maximum Output
Current
(1)
5.4 VOUT
VIN=2.3 V
200
mA
VIN=3.3 V
300
VIN=3.6 V
400
5.0 VOUT
VIN=2.3 V
200
VIN=3.3 V
300
VIN=3.6 V
400
3.3 VOUT
VIN=2.5 V
250
VIN=2.7 V
300
ISW
SW Peak Current
Limit
5.4 VOUT
VIN=3.6 V, VOUT>VIN
1000
1400
1500
mA
5.0 VOUT
VIN=3.6 V, VOUT>VIN
930
1100
1320
3.3 VOUT
VIN=2.7 V, VOUT>VIN
650
800
950
Continued on the following page…


Similar Part No. - FAN4860UC5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4860UC5X FAIRCHILD-FAN4860UC5X Datasheet
814Kb / 15P
   3MHz, 5V Output Synchronous TinyBoost??Regulator
More results

Similar Description - FAN4860UC5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48685 ONSEMI-FAN48685 Datasheet
470Kb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
July, 2018 ??Rev. 0
FAN48619 ONSEMI-FAN48619 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
December 2015 Rev. 1.0
FAN48614 ONSEMI-FAN48614 Datasheet
527Kb / 4P
   Fixed-Output Synchronous TinyBoost Regulator
July 2015 Rev. 1.4
FAN48615 ONSEMI-FAN48615 Datasheet
1Mb / 12P
   Fixed-Output Synchronous TinyBoost Regulator
September 2016 Rev. 1.0
FAN48617 ONSEMI-FAN48617 Datasheet
1Mb / 11P
   Fixed-Output Synchronous TinyBoost Regulator
August 2016 Rev.1.0
FAN48623 ONSEMI-FAN48623 Datasheet
570Kb / 18P
   Synchronous TinyBoost Regulator with Bypass Mode
October-2017,Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com